Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3326 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3326
Description  SPC56EL60x hardware design guideline
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3326 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3326 Datasheet HTML 6Page - STMicroelectronics AN3326 Datasheet HTML 7Page - STMicroelectronics AN3326 Datasheet HTML 8Page - STMicroelectronics AN3326 Datasheet HTML 9Page - STMicroelectronics AN3326 Datasheet HTML 10Page - STMicroelectronics AN3326 Datasheet HTML 11Page - STMicroelectronics AN3326 Datasheet HTML 12Page - STMicroelectronics AN3326 Datasheet HTML 13Page - STMicroelectronics AN3326 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Main oscillator
AN3326
10/21
DocID18333 Rev 3
3
Main oscillator
The SPC56EL60x uses an external crystal as input for both PLLs. The main oscillator
provides the following main features:
Input frequency range: 4–40 MHz
Crystal input mode
External reference clock (3.3 V) input mode
FMPLL reference
For noise immunity reasons, the oscillator uses a dedicated 3.3 V supply. This supply is
provided by the pins VDD_HV_OSC and VSS_HV_OSC (see Section 4).
Table 1 shows a list of the recommended crystals and their main parameters.
Note:
User shall configure the XOSC_MARGIN bit through the user option bit depending on the
chosen crystal.
XOSC_MARGIN must be set to ‘0’ if a 4 MHz crystal is chosen and set to ‘1’ in all other
cases.
3.1
Reference oscillator circuit
This section describes the key items of the oscillator circuit.
The oscillator circuit consists of the following components:
Crystal
Two capacitors
Figure 4 contains a schematic of the on-chip oscillator(b). Table 1 provides a list of
recommended crystals and the suggested value of the two load capacitors C1 and C2.
No other external components (for example, a bias resistor) are needed.
Table 1. Recommended crystals and their main parameters
Nominal frequency
[MHz]
Crystal model
Load on EXTAL/XTAL(1)
C1 = C2
[pF]
1.
C1 and C2 include the parasitic capacitors which must be taken into account to choose the proper external
capacitors.
4.0
NX8045GB
4.7
8.0
NX5032GA
23.0
8.0
NX8045GB
23.0
10.0
NX5032GA
21.0
12.0
NX5032GA
19.0
16.0
NX5032GA
5.6
40.0
NX5032GA
8.0
40.0
NX3225GA
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com