Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3326 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3326
Description  SPC56EL60x hardware design guideline
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3326 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3326 Datasheet HTML 9Page - STMicroelectronics AN3326 Datasheet HTML 10Page - STMicroelectronics AN3326 Datasheet HTML 11Page - STMicroelectronics AN3326 Datasheet HTML 12Page - STMicroelectronics AN3326 Datasheet HTML 13Page - STMicroelectronics AN3326 Datasheet HTML 14Page - STMicroelectronics AN3326 Datasheet HTML 15Page - STMicroelectronics AN3326 Datasheet HTML 16Page - STMicroelectronics AN3326 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID18333 Rev 3
13/21
AN3326
Supply pins and decoupling
20
4
Supply pins and decoupling
The SPC56EL60x has different supply/decoupling pins:
Core logic pins (VDD_LV_CORx and VSS_LV_CORx)
Voltage regulator pins(d) (VDD_HV_PMU and VDD_HV_REGx)
ADC0 and ADC1 pins (VDD_HV_ADV and VSS_HV_ADV)
Input/Output pins (VDD_HV_IO and VSS_HV_IO)
Crystal oscillator amplifier pins (VDD_HV_OSC and VSS_HV_OSC)
Flash pins (VDD_HV_FLA and VSS_HV_FLA)
FMPLL pins (VDD_LV_PLL0_PLL1 and VSS_LV_PLL0_PLL1)
Other pins which must by considered are:
External NPN ballast base control pin (BCRTL)
ADC0 and ADC1 high voltage reference (VDD_HV_ADR0 and VDD_HV_ADR1)
ADC0 and ADC1 low voltage reference (VDD_LV_ADR0 and VDD_LV_ADR1)
Please refer to the device reference manual and datasheet for complete details on these
pins.
4.1
Decoupling capacitors
This section provides the values of the different recommended capacitors.
Hardware designers must pay particular attention to place the decoupling capacitors beside
the respective pins.
Figure 5 shows the connection between the external ballast and SPC56EL60x.
d.
VDD_HV_PMU pin is the voltage supply of the internal regulator; VDD_HV_REGx pins are the collector of the
internal ballasts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com