Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4035 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 5Page - STMicroelectronics AN4035 Datasheet HTML 6Page - STMicroelectronics AN4035 Datasheet HTML 7Page - STMicroelectronics AN4035 Datasheet HTML 8Page - STMicroelectronics AN4035 Datasheet HTML 9Page - STMicroelectronics AN4035 Datasheet HTML 10Page - STMicroelectronics AN4035 Datasheet HTML 11Page - STMicroelectronics AN4035 Datasheet HTML 12Page - STMicroelectronics AN4035 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AN4035
JTAG
Doc ID 022669 Rev 2
9/41
the shifter to the register during the update-DR state. When reading a register, there is no
requirement to shift out the entire register contents. Shifting can be terminated after fetching
the required number of bits.
2.4.1
Reset
The JTAGC is placed in reset when the TAP controller state machine is in the TEST-LOGIC-
RESET state.
The TEST-LOGIC-RESET state is entered upon the assertion of the power-on reset signal,
negation of JCOMP, or through TAP controller state machine transitions controlled by TMS.
Asserting power-on reset or negating JCOMP results in asynchronous entry into the reset
state. While in reset, the following actions occur:
●
The TAP controller is forced into the test-logic-reset state, thereby disabling the test
logic and allowing normal operation of the on-chip system logic to continue unhindered.
●
The instruction register is loaded with the IDCODE instruction.
In addition, execution of EXTEST instruction results in assertion of the internal system reset.
2.4.2
Test mode
Several TEST modes are supported, as well as a bypass mode and they are entered using
the following instructions:
●
EXTEST
●
SAMPLE
●
SAMPLE/PRELOAD
Each instruction defines the set of data registers that can operate and interact with the on-
chip system logic while the instruction is current. Only one test data register path is enabled
to shift data between TDI and TDO for each instruction.
Following the test modes available:
1.
BYPASS mode
When no test operation is required, the BYPASS instruction can be loaded to place the
JTAGC into bypass mode. While in bypass mode, the single-bit bypass shift register is
used to provide a minimum-length serial path to shift data between TDI and TDO.
2.
TAP Sharing Mode
There are three selectable auxiliary TAP controllers that share the TAP with the
JTAGC. Selectable TAP controllers include:
- Nexus port controller (NPC)
- On Chip Emulator (ONCE) controller
- TCU controller
The instructions required to grant ownership of the TAP to the auxiliary TAP controllers are
ACCESS_AUX_TAP_NPC, ACCESS_AUX_TAP_ONCE, ACCESS_AUX_TAP_TCU.
Instruction opcodes for each instruction are shown in Table 2.
When the access instruction for an auxiliary TAP is loaded, control of the JTAG pins is
transferred to the selected TAP controller. Any data input via TDI and TMS is passed to the
selected TAP controller, and any TDO output from the selected TAP controller is sent back
to the JTAGC to be output on the pins. The JTAGC regains control of the JTAG port during
the UPDATE-DR state if the PAUSE-DR state was entered. Auxiliary TAP controllers are
held in RUN-TEST/IDLE while they are inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com