Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4035 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 19Page - STMicroelectronics AN4035 Datasheet HTML 20Page - STMicroelectronics AN4035 Datasheet HTML 21Page - STMicroelectronics AN4035 Datasheet HTML 22Page - STMicroelectronics AN4035 Datasheet HTML 23Page - STMicroelectronics AN4035 Datasheet HTML 24Page - STMicroelectronics AN4035 Datasheet HTML 25Page - STMicroelectronics AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
AN4035
On-Chip Emulation (OnCE)
Doc ID 022669 Rev 2
23/41
3.7.2
Control State Register (CTL)
The control state register (CTL) stores the value of certain internal CPU state variables
before debug mode is entered. Figure 18 shows the CTL register.
Figure 18.
Control State Register (CTL)
The “*” in the CTL register represents internal processor state bits that should be restored to
the value they held when debug mode was entered prior to exiting debug mode. If a single
step is executing an instruction that is in the normal instruction flow of the program that was
running when debug mode was entered, these bits should be restored. If a single step is
executing an instruction outside the normal instruction flow, these bits should be cleared to
zero.
The PCOFST field indicates whether the value in the PC portion of the CPUSCR must be
adjusted prior to exiting debug mode. Due to the pipelined nature of the CPU, the PC value
must be backed-up under certain circumstances. The PCOFST field specifies the value to
be subtracted from the PC value when debug mode was entered. This PC value should be
adjusted according to PCOFST prior to exit from debug mode if continuation of the normal
instruction stream is desired. In the event that PCOFST is non-zero, the IR should be
loaded with a nop instruction instead of the value in the IR when debug mode was entered.
Below are the possible values and meanings of the PCOFST field:
●
0000—No correction required.
●
0001—Subtract 0x04 from PC.
●
0010—Subtract 0x08 from PC.
●
0011—Subtract 0x0C from PC.
●
0100—Subtract 0x10 from PC.
●
0101—Subtract 0x14 from PC.
All other encodings are reserved.
After entering debug mode, the PCINV field overrides the PCOFST field and indicates that
values in the PC and IR are invalid. Exiting debug mode with these PC and IR values have
unpredictable results.
No error condition exists.
Error condition exists. PC and IR are corrupt.
The FFRA control bit causes the contents of WBBR to be used as the rA (rS for logical and
shift operations) operand value of the first instruction to be executed when exiting debug
mode or the instruction to be single stepped. This allows the external tool to update CPU
registers and memory. rA and rS are instruction syntax used to identify a source GPR.
No action.
Contents of WBBR used as rA (rS for logical and shift operations) operand value.
The IRStat0-9 bits provide status information to the external tool. The IRStat8 bit indicates
that the instruction in the IR is a VLE or non-VLE instruction. For MPC5500 devices without
*
0
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com