Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4035 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics AN4035 Datasheet HTML 29Page - STMicroelectronics AN4035 Datasheet HTML 30Page - STMicroelectronics AN4035 Datasheet HTML 31Page - STMicroelectronics AN4035 Datasheet HTML 32Page - STMicroelectronics AN4035 Datasheet HTML 33Page - STMicroelectronics AN4035 Datasheet HTML 34Page - STMicroelectronics AN4035 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AN4035
Nexus Read/Write access block
Doc ID 022669 Rev 2
31/41
Table 7.
JTAG Data Register (DR)
2.
The second pass through the DR then shifts the data in or out depending on the type of
access LSB first.
a)
During a read access, the data is latched from the Nexus register when the TAP
controller state machine passes through the CAPTURE-DR state. The data from
the Nexus register can be read by the external tool by shifting the data out in the
SHIFT-DR state. The last bit is shifted out with TMS set to 1, causing transition to
the EXIT1-DR state.
b)
During a write access, the data is shifted in while in the SHIFT-DR state. The last
bit is shifted in with TMS set to 1, causing transition to the EXIT1-DR state. The
data is latched into the Nexus register when the TAP controller state machine
passes through the UPDATE-DR state.
Table 8.
Nexus register index
Nexus register index
Value shown at bottom of register description
Read/Write (R/W)
0 Read
1 Write
(7-bits)
(1-bit)
Nexus Register Index
R/W
RESET Value: 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com