Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4417 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4417
Description  This document provides an overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4417 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4417 Datasheet HTML 10Page - STMicroelectronics AN4417 Datasheet HTML 11Page - STMicroelectronics AN4417 Datasheet HTML 12Page - STMicroelectronics AN4417 Datasheet HTML 13Page - STMicroelectronics AN4417 Datasheet HTML 14Page - STMicroelectronics AN4417 Datasheet HTML 15Page - STMicroelectronics AN4417 Datasheet HTML 16Page - STMicroelectronics AN4417 Datasheet HTML 17Page - STMicroelectronics AN4417 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SPC564Axx/SPC56ELxx exception cases
AN4417
14/22
DocID025623 Rev 2
Maintaining of ECSM_ESR register to be performed properly!
For more details see Section Appendix B: Reference documents.
3.1.4
ECSM_ESR.FNCE implementation note for SPC564A70 device only
Flash controller always reads one complete prefetch buffer line (128-bit) from flash array.
ECSM_ESR.FNCE bit detects ECC error separately for double word A (bit 0..63) and
double word B (bit 64..127) in SPC564A70 device, and it can cause an unexpected
behavior.
Following is an example to demonstrate it:
Assuming that an ECC error is present in upper word and lower word is accessed by core.
Then the ECC error is detected during complete 128-bit line reading and core Machine
check exception is invoked, but ECSM_ESR.FNCE bit is not set in this case. If Machine
check exception handler tests the ECSM_ESR.FNCE bit only in our case, then it may
unexpectedly assume that no ECC issue occurred.
Note:
There is a possibility to check Flash_A.MCR.EER bit instead of the ECSM_ESR.FNCE. The
implementation depends on the application needs.
For more details see Section Appendix A: Comparison of microcontroller behavior during
ECC error.
3.1.5
ECSM_ESR implementation for SPC56ELx device only
SPC56ELx devices have been designed with functional safety in mind. In case the reporting
of dual bit errors is enabled in the ECSM, the device reacts in one of the safest way, i.e. a
critical fault is triggered by the FCCU. The outcome of this critical fault is a functional reset
of the device without any exception triggered to the core. Rational for this severe reaction is
that since the dual bit error cannot be corrected, software is not able to recover it. Then
safest reaction is assumed to be a reset.
Nevertheless this reset reaction prevents working correctly most of flash eeprom emulation
drivers. An ECC error is a standard error situation during read in flash area used for data
eeprom emulation. This situation is handled by the driver accordingly.
In case of the dual bit error, reporting is disabled in the ECMS and then a core exception is
invoked instead of reset. Core exception handler gives possibility to the flash eeprom
emulation driver to react accordingly.
3.1.6
Flash 2b ECC error detection by Flash controller
Flash controller provides detection ability of ECC errors detection.
ECSM_ESR.F1BC A reportable single-bit platform flash correction has been detected.
ECSM_ESR.FNCE A reportable non-correctable platform flash error (2b ECC) has been detected.
Table 6. Flash 2b ECC – ECSM registers related to ECC error detection (continued)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com