Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0020 Datasheet(PDF) 62 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 58Page - STMicroelectronics RM0020 Datasheet HTML 59Page - STMicroelectronics RM0020 Datasheet HTML 60Page - STMicroelectronics RM0020 Datasheet HTML 61Page - STMicroelectronics RM0020 Datasheet HTML 62Page - STMicroelectronics RM0020 Datasheet HTML 63Page - STMicroelectronics RM0020 Datasheet HTML 64Page - STMicroelectronics RM0020 Datasheet HTML 65Page - STMicroelectronics RM0020 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
Performance
RM0020
62/69
The number of clock cycles for third function call of the frac16/frac32 real to complex in-
place FFTs without scaling is the same as for respective float FFT plus N/16.
Table 40.
Real to complex frac16/frac32 in-place FFT, scaling on (N odd power of two)(1)
N(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
128
3881
3477
3450
-
0.97
512
17495
16492
16356
-
0.99
2048
81210
78233
76899
-
0.99
1.
The clock cycles include bit reversing by bitrev_table_16bit and FFT computation by fft_radix4_frac32 function and
fft_real_split_frac32 function. w_table in internal flash, seed_table in internal flash, wa_table and wb_table in internal flash.
N2_REALPART set to 0.
2.
N is FFT length.
Table 41.
Real to complex frac16/frac32 in-place FFT, scaling on (N even power of two)(1)
N(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
256
8887
8172
8117
-
0.98
1024
40376
38527
38179
-
0.99
4096
188384
185207
184761
-
0.96
1.
The clock cycles include bit reversing by bitrev_table_16bit and FFT computation by fft_quad_frac32 function,
fft_radix2_last_stage_frac32 function and fft_real_split_frac32 function. w_table in internal flash, seed_table in internal
flash, wa_table and wb_table in internal flash. N2_REALPART set to 0.
2.
N is FFT length.
Table 42.
Complex float windowing function(1)
N(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
64
815
666
666
2.0
0.99
128
1545
1295
1290
2.0
0.99
256
2991
2541
2538
2.0
0.99
512
5882
5078
5034
2.0
0.99
1024
11652
10192
10026
2.0
0.99
2048
23189
21928
21427
1.9
0.93
1.
w vector in internal flash.
2.
N is window length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com