Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0020 Datasheet(PDF) 26 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 22Page - STMicroelectronics RM0020 Datasheet HTML 23Page - STMicroelectronics RM0020 Datasheet HTML 24Page - STMicroelectronics RM0020 Datasheet HTML 25Page - STMicroelectronics RM0020 Datasheet HTML 26Page - STMicroelectronics RM0020 Datasheet HTML 27Page - STMicroelectronics RM0020 Datasheet HTML 28Page - STMicroelectronics RM0020 Datasheet HTML 29Page - STMicroelectronics RM0020 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
Function API
RM0020
26/69
Description:
Split function of N-point real to complex frac32 in-place fast Fourier transform (FFT).
Input 32-bit fractional data are stored in y, output 32-bit fractional data are written over
the input data into y. The function gives the first half of the output spectrum.
The calculation of the N/2 item is configurable by constant definition in the function
source file:
.set
N2_REALPART,
0
#/* 0/1 - real part of N/2
item isn't/is inserted in imaginary part of 0th item, default
value is 0 */
By default the N/2 output item is not calculated.
The output scaling is configurable by constant definition in the function source file:
.set
SCALING
1
#/* 0 - off, 1 - on */
By default it is turned on. The scaling is performed by dividing input data by 2 before
calculation.
wa
in
pointer to the wa vector of twiddle factors of length N/4+1, vector
must be double word aligned
memory layout:
wa_Re(0) wa_Im(0) wa_Re(1) wa_Im(1) ... wa_Re(N/4+1)
wa_Im(N/4+1)
Use predefined wa_table_frac32_N arrays.
The wa_table_frac32_N is computed according to this formula:
for k = 0, 1, ... N/4+1
, where i is the imaginary unit
wb
in
pointer to the wb vector of twiddle factors of length N/4+1, vector
must be double word aligned
memory layout:
wb_Re(0) wb_Im(0) wb_Re(1) wb_Im(1) ... wb_Re(N/4+1)
wb_Im(N/4+1)
Use predefined wb_table_frac32_N arrays.
The wb_table_frac32_N is computed according to this formula:
for k = 0, 1, ... N/4+1
, where i is the imaginary unit
Table 10.
fft_real_split_frac32 arguments (continued)
wa k

1
2
--- 1iW
N
k
–


=
W
N
e
i
2
N
------
–
=
wb k

1
2
--- 1iW
N
k
+


=
W
N
e
i
2
N
------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com