Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0020 Datasheet(PDF) 15 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 11Page - STMicroelectronics RM0020 Datasheet HTML 12Page - STMicroelectronics RM0020 Datasheet HTML 13Page - STMicroelectronics RM0020 Datasheet HTML 14Page - STMicroelectronics RM0020 Datasheet HTML 15Page - STMicroelectronics RM0020 Datasheet HTML 16Page - STMicroelectronics RM0020 Datasheet HTML 17Page - STMicroelectronics RM0020 Datasheet HTML 18Page - STMicroelectronics RM0020 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
RM0020
Function API
15/69
Description:
Implements fast bit reversal permutation on 32-bit complex data using seed table as
described in David M.W.Evans, An Improved Digit-Reversal Permutation Algorithm for
the Fast Fourier and Hartley Transforms IEEE Transactions on Acoustics, Speech,
and Signal Processing, Vol. Assp-35, No. 8, August 1987.
Performance: See Section 7.
Example 2. bitrev_table_32bit
#include "libdsp2.h"
float inout_buffer[2*256];
void main() {
/* bit reverse permutation and calculation of 256-point FFT */
bitrev_table_32bit(16, inout_buffer, seed_radix2_32bit_256);
fft_quad_float(256, inout_buffer, w_table_radix2_float_256);
}
6.3
N-point radix-4 complex to complex float in-place FFT
Function call:
void fft_radix4_float(unsigned int N, float *inout_buffer,
float *twiddle_factor_table);
Arguments:
Description:
Computes the N-point radix-4 complex to complex float in-place fast Fourier transform
(FFT). Input 2-bit reversed data are stored in inout_buffer, output data are written over
the input data into inout_buffer. There is used radix-4 FFT algorithm.
Table 3.
fft_radix4_float arguments
Nin
FFT length, must be even power of two, tested for 64, 256,
1024, 4096
inout_buffer
in/out
pointer to the input/output vector of length 2*N, vector must be
double word aligned
memory layout:
x_Re(0) x_Im(0) x_Re(1) x_Im(1) ... x_Re(N-1) x_Im(N-1)
(Re - real part, Im - imaginary part)
twiddle_factor_table in
pointer to the vector of twiddle factors of length 3*N/2-4, vector
must be double word aligned
memory layout:
w_Re(0) w_Im(0) w_Re(1) w_Im(1) ... w_Re(3*N/4-3)
w_Im(3*N/4-3)
Use predefined w_table_radix4_float_N arrays.
The w_table_radix4_float_N is computed according to this
formula:
for k = 0, 1, ... 3*N/4-3
w_Re k
 iw_Im k

+
w
N
k
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com