Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1496 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1496
Description  Flash Programming / Reprogramming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1496 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1496 Datasheet HTML 1Page - STMicroelectronics AN1496 Datasheet HTML 2Page - STMicroelectronics AN1496 Datasheet HTML 3Page - STMicroelectronics AN1496 Datasheet HTML 4Page - STMicroelectronics AN1496 Datasheet HTML 5Page - STMicroelectronics AN1496 Datasheet HTML 6Page - STMicroelectronics AN1496 Datasheet HTML 7Page - STMicroelectronics AN1496 Datasheet HTML 8Page - STMicroelectronics AN1496 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN1496 - APPLICATION NOTE
3/
17
1 - INTRODUCTION TO ST10 0.35
µm EMBEDDED FLASH
This chapter is describing the improvements made from the ST10F168 and the differences with
stand-alone Flash memories.
1.1 - Differences with ST10F168
1.1.1 - Single Supply
ST10 variants with 0.35
µm embedded Flash do not require specific programming supply. On-chip charge
pumps will provide with the necessary programming supply from the external single 5 volt supply.
1.1.2 - New Erase/Program Controller
The 0.35
µm Erase/Program Controller has been changed to be closer to the one of stand-alone Flash
memories : erasing and programming of Flash memory cells is no more done by the ST10. This allows :
– Savings on system stack : there is no more need to allocate space on the ST10 system stack for eras-
ing and programming,
– Improved efficiency during programming : ST10 CPU can be used to handle communication during
the time where the Erase/Program Controller is dealing with the Flash,
– Improved clock scheme : the Flash erase/program controller has its own clock; there is no more need
to specify it the CPU clock. This also simplifies the handling of special events (like PLL unlock) during
erasing/programming.
1.1.3 - Improved Granularity of Block Sizes
ST10 0.35
µm embedded Flash has improved block granulaty (smaller blocks) and also features boot
block organisation :
– Block size is 64 Kbyte for standard blocks,
– Small blocks for the 4 boot blocks (16 Kbyte, then 8 Kbyte, 8 Kbyte, 32 Kbyte).
1.2 - Comparison with Stand-alone Flash Memories
1.2.1 - Similar But Different Erase/Program Commands
The Erase/program Controller of ST10F269/F280 is derived from the Common Flash memory Interface :
– To keep the same level of proven safety, the special sequence of commands of stand alone Flash mem-
ories has been kept,
– To differentiate from external Flash memories, the value of the commands (address and data) have
been slighlty modified.
This allows to re-use existing software written for stand-alone Flash memories with few modifications. The
following chapters describe them.
1.2.2 - Description of the Commands to the Flash Controller
The following table is describing the possible commands with ST10F269/F280 Erase/Program Controller.
Commands to the Flash are defined by a sequence of ST10 write cycles with specific addresses and data
within the Flash memory range. The length of the sequence varies from 1 cycle (ex : Read/Reset) to 6
cycles (chip erase).
Block erase command can be extended by 1 cycle per additional block to erase. This translates in a
maximum of 12 cycles for ST10F269 and of 16 cycles for ST10F280.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com