Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2341 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2341
Description  Programming ST10F27x/F25x CAN interrupt drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2341 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2341 Datasheet HTML 1Page - STMicroelectronics AN2341 Datasheet HTML 2Page - STMicroelectronics AN2341 Datasheet HTML 3Page - STMicroelectronics AN2341 Datasheet HTML 4Page - STMicroelectronics AN2341 Datasheet HTML 5Page - STMicroelectronics AN2341 Datasheet HTML 6Page - STMicroelectronics AN2341 Datasheet HTML 7Page - STMicroelectronics AN2341 Datasheet HTML 8Page - STMicroelectronics AN2341 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
September 2013
Rev
2
1/26
AN2341
Application note
Programming ST10F27x/F25x CAN interrupt drivers
Introduction
This application note describes the CAN interrupt drivers of the ST10F27x/ST10F25x and
provides programming examples that can be used to define interrupt schemes and write
interrupt drivers. Two C-CAN modules are implemented on ST10F27x/ST10F25x, mapped
on XBUS.
Interrupt sources, the way the sources of interrupts are identified and the two methods of
handling interrupts are described: One using the hardware features of the CAN modules
and the other through polling internal sources.
Programming the CAN interrupt drivers through CAN hardware features uses the RXIE and
TXIE bits of each message object. All 32 message objects are accessed through interface
registers. Two sets of register are available for each module, for example CANxIF1 registers
can be used to read from a message object whereas CANxIF2 registers can be used to
write into a message object. Whenever a message is transmitted or received by a message
object, the corresponding interrupt is serviced according to its priority (based on the value of
IntId). This method requires minimum CPU overhead and is the preferred method for most
applications.
CAN polling generates an interrupt whenever a successful transmission or reception occurs.
Polling is high in CPU overhead, as the CPU is interrupted every time a message is
acknowledged on the CAN bus. Therefore, programming the interrupt driver using polling is
only recommended for small networks.
Sample programs are provided for each method as examples.
www.st.com


Similar Part No. - AN2341

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AN234119 INFINEON-AN234119 Datasheet
1Mb / 40P
Timer, Counter, and PWM (TCPWM) usage in XMC7000 family
Rev. B 2023-03-22
More results

Similar Description - AN2341

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
Programming Tool
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
PROGRAMMING PLUG
logo
STMicroelectronics
AN2143 STMICROELECTRONICS-AN2143 Datasheet
377Kb / 8P
Programming the ST10F27X embedded Flash
24-Sep-2013
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
PLL jitter effects on C-CAN modules of the ST10F27x
24-Sep-2013
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
Designing an application with the ST10F27x devices
24-Sep-2013
AN2628 STMICROELECTRONICS-AN2628 Datasheet
205Kb / 27P
Programming ST10F27x CAN interrupt drivers
18-Oct-2007
logo
CUI INC
AMT-PGRM CUI-AMT-PGRM Datasheet
324Kb / 3P
PROGRAMMING MODULE
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
PROGRAMMING UNIT
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
Programming adapter
UB-PROG4-V15 PF-UB-PROG4-V15 Datasheet
430Kb / 2P
Programming unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com