Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2341 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2341
Description  Programming ST10F27x/F25x CAN interrupt drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2341 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2341 Datasheet HTML 15Page - STMicroelectronics AN2341 Datasheet HTML 16Page - STMicroelectronics AN2341 Datasheet HTML 17Page - STMicroelectronics AN2341 Datasheet HTML 18Page - STMicroelectronics AN2341 Datasheet HTML 19Page - STMicroelectronics AN2341 Datasheet HTML 20Page - STMicroelectronics AN2341 Datasheet HTML 21Page - STMicroelectronics AN2341 Datasheet HTML 22Page - STMicroelectronics AN2341 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AN2341
Register description
19/26
A.2
CAN control register
CAN1CR (EF00h),
CAN2CR (EE00h)
XBUS
Reset Value: 0001h
15
14
13
12
11
10
98
765
43
210
---
--
---
Test
CCE
DAR
-
EIE
SIE
IE
Init
RW
RW
RW
RW
RW
RW
RW
Table 4.
CAN1CR and CAN2CR registers
Bit
Function
Init
Initialization
’0’: Normal operation.
’1’: Initialization is started.
IE
Module interrupt enable
’0’: Disabled - Module interrupt IRQ_B is always high.
’1’: Enabled - Interrupts will set IRQ_B to LOW. IRQ_B remains low until all pending
interrupts are processed.
SIE
Status change interrupt enable
’0’: Disabled - No Status Change Interrupt will be generated.
’1’: Enabled - An interrupt will be generated when a message transfer is successfully
completed or a CAN bus error is detected.
EIE
Error interrupt enable
‘0’: Disabled - No error status interrupt will be generated.
‘1’: Enabled - A change in the bits BOff or EWarn in the status register will generate
an interrupt.
DAR
Disable automatic retransmission
‘0’: Automatic retransmission of disturbed messages enabled.
‘1’: Automatic retransmission disabled.
CCE
Configuration change enable
‘0’: The CPU has no write access to the bit timing register.
‘1’: The CPU has write access to the Bit Timing register (while Init =
one).
Test
Test mode enable
‘0’: Normal operation.
‘1’: Test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com