Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2341 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2341
Description  Programming ST10F27x/F25x CAN interrupt drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2341 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2341 Datasheet HTML 16Page - STMicroelectronics AN2341 Datasheet HTML 17Page - STMicroelectronics AN2341 Datasheet HTML 18Page - STMicroelectronics AN2341 Datasheet HTML 19Page - STMicroelectronics AN2341 Datasheet HTML 20Page - STMicroelectronics AN2341 Datasheet HTML 21Page - STMicroelectronics AN2341 Datasheet HTML 22Page - STMicroelectronics AN2341 Datasheet HTML 23Page - STMicroelectronics AN2341 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Register description
AN2341
20/26
A.3
CAN status register
CAN1SR (EF02h),
CAN2SR (EE02h)
XBUS
Reset Value: 0000h
15
14
13
12
11
10
98
765
43
210
--
---
--
-
BOff
EWarn EPass
RxOk
TxOk
LEC
RR
R
RW
RW
RW
Table 5.
CAN1SR and CAN2SR registers
Bit
Function
LEC
Last error code (Type of the last error to occur on the CAN bus)
’000’: No error.
’001’: Stuff Error: More than 5 equal bits in a sequence have occurred in a part of a
received message where this is not allowed.
’010’: Form Error: A fixed format part of a received frame has the wrong format.
’011’: AckError: The message this CAN Core transmitted was not acknowledged by
another node.
’100’: Bit1Error: During the transmission of a message (with the exception of the
arbitration field), the device wanted to send a
recessive level (bit of logical value ‘1’),
but the monitored bus value was
dominant.
’101’: Bit0Error: During the transmission of a message (or acknowledge bit, or
active error flag, or overload flag), the device wanted to send a
dominant level (data
or identifier bit logical value ‘0’), but the monitored Bus value was
recessive. During
bus-off recovery this status is set each time a sequence of 11 recessive bits has
been monitored. This enables the CPU to monitor the progression of the bus-off
recovery sequence (indicating the bus is not stuck at
dominant or continuously
disturbed).
’110’: CRCError: The CRC check sum was incorrect in the message received, the
CRC received for an incoming message does not match with the calculated CRC for
the received data.
’111’: Unused. When the LEC shows the value ‘7’, no CAN bus event was detected
since the CPU wrote this value to the LEC.
TxOk
Transmitted a message successfully
’0’: Since this bit was reset by the CPU, no message has been successfully
transmitted. This bit is never reset by the CAN Core.
’1’: Since this bit was last reset by the CPU, a message has been successfully (error
free and acknowledged by at least one other node) transmitted.
RxOk
Received a message successfully
’0’: Since this bit was last reset by the CPU, no message has been successfully
received. This bit is never reset by the CAN Core.
’1’: Since this bit was last reset (to zero) by the CPU, a message has been
successfully received (independent of the result of acceptance filtering).
EPass
Error passive
‘0’: The CAN Core is
error active.
‘1’: The CAN Core is in the
error passive state as defined in the CAN Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com