Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1627 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1627
Description  Standard software driver for C90LC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1627 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1627 Datasheet HTML 25Page - STMicroelectronics UM1627 Datasheet HTML 26Page - STMicroelectronics UM1627 Datasheet HTML 27Page - STMicroelectronics UM1627 Datasheet HTML 28Page - STMicroelectronics UM1627 Datasheet HTML 29Page - STMicroelectronics UM1627 Datasheet HTML 30Page - STMicroelectronics UM1627 Datasheet HTML 31Page - STMicroelectronics UM1627 Datasheet HTML 32Page - STMicroelectronics UM1627 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
DocID024497 Rev 2
29/38
UM1627
API specification
If no blocks are enabled the C90FL_ERROR_AIC_NO_BLOCK error code is returned.
Depending on the address sequence specified the MISR values are calculated for the
enabled blocks using the corresponding sequence. If the MISR values calculated by the
hardware is not the same as the values passed to this API by the user then the API returns
the error code C90FL_ERROR_AIC_MISMATCH.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
2.7.2
FlashECCLogicCheck()
Description
This function checks the ECC logic of the Flash. The API simulates a single or double bit
fault depending on the user input. If the simulated ECC error is not detected, then the error
code C90FL_ERROR_ECC_LOGIC is returned.
Prototype
UINT32 FlashECCCLogicCheck (PSSD_CONFIG pSSDConfig,
UINT64 dataVal,
UINT64 errBits,
UINT32 eccValue)
Arguments
Table 49. Arguments for FlashECCLogicCheck()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
dataValue
The 64 bits of data for which
the ECC is calculated. The
bits of dataValue are flipped
to generate single or double
bit faults.
Any 64-bit value.
errBits
Is a 64-bit mask of the bits
at which the user intends to
inject error.
Any 64-bit value, except zero.
eccValue
It’s a 32 bit value which has
to be passed by user. This
is calculated using an off
line ECC Calculator.
This is a corresponding ECC value for the data
value passed by the user.
Note: Same data words should be used in off line
ECC calculator and Flash ECC logic check API.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com