Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1627 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1627
Description  Standard software driver for C90LC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1627 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1627 Datasheet HTML 27Page - STMicroelectronics UM1627 Datasheet HTML 28Page - STMicroelectronics UM1627 Datasheet HTML 29Page - STMicroelectronics UM1627 Datasheet HTML 30Page - STMicroelectronics UM1627 Datasheet HTML 31Page - STMicroelectronics UM1627 Datasheet HTML 32Page - STMicroelectronics UM1627 Datasheet HTML 33Page - STMicroelectronics UM1627 Datasheet HTML 34Page - STMicroelectronics UM1627 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
DocID024497 Rev 2
31/38
UM1627
API specification
Arguments
Return values
Troubleshooting
The trouble shooting given here comprises of hardware errors and input parameter error.
Table 52. Arguments for FactoryMarginReadCheck()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
lowEnabledBlocks
To select the array
blocks in low address
space for erasing.
Bit-mapped value. Select the block in the low
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
lowEnabledBlocks. If there is not any block to be
evaluated in the low address space,
lowEnabledBlocks must be set to 0.
midEnabledBlocks
To select the array
blocks in mid address
space for erasing.
Bit-mapped value. Select the block in the middle
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
midEnabledBlocks. If there is not any block to be
evaluated in the middle address space,
midEnabledBlocks must be set to 0.
highEnabledBlocks
To select the array
blocks in high address
space for erasing.
Bit-mapped value. Select the block in the high
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
highEnabledBlocks. If there is not any block to be
evaluated in the high address space,
highEnabledBlocks must be set to 0.
marginLevel
To determine the margin
level to be used during
factory margin read
checks.
Selects the margin level that is being checked.
Margin can be checked to an erased level
(marginLevel=1) or to a programmed level
(marginLevel =0).
misrValue
A structure variable
containing the MISR
values calculated by the
user using the off line
MISR generation tool.
The individual MISR words can range from
0x00000000 - 0xFFFFFFFF
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable
it use NULL_CALLBACK macro.
Table 53. Return values for FactoryMarginReadCheck()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_FMR_MISMATCH
C90FL_ERROR_FMR_NO_BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com