| Electronic Components Datasheet Search |
|
UM1627 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1627 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 38 page ![]() API specification UM1627 32/38 DocID024497 Rev 2 Comments The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped arguments that are used to select the blocks to be evaluated in the Low/Mid/High address spaces of main array. The selection of the blocks of the main array is determined by setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or highEnabledBlocks. The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to block 1, etc. The following diagrams give an example of the formats of lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks for the C90LC module. Refer to Appendix C: Documentation references for the valid bits configuration depending from the specific microcontroller Flash module sectors. If no blocks are enabled the C90FL_ERROR_FMR_NO_BLOCK error code is returned. Table 54. Troubleshooting for FactoryMarginReadCheck() Returned error bits Possible causes Solution C90FL_ERROR_FMR_ MISMATCH The MISR value calculated by the user is incorrect. Re-calculate the MISR values using the correct Data and address. The MISR calculated by the Hardware is incorrect. Hardware Error. C90FL_ERROR_FMR_ NO_BLOCK None of the Blocks are enabled for Factory Margin Read Check Enable any of the blocks using variables lowEnabledBlocks, midEnabledBlocks and highEnabledBlock. Table 55. Bit allocation for blocks in low address space MSB LSB bit 31 … bit 10 bit 9 bit 8 … bit 1 bit 0 reserved … reserved block 9 block 8 … block 1 block 0 Table 56. Bit allocation for blocks in middle address space MSB LSB bit 31 … bit 4 bit 3 bit 2 bit 1 bit 0 reserved … reserved reserved reserved block 1 block 0 Table 57. Bit allocation for blocks in high address space MSB LSB bit 31 … bit 6 bit 5 bit 4 … bit 1 bit 0 reserved … reserved block 5 block 4 … Block 1 Block 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |