Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1012 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 4Page - STMicroelectronics AN1012 Datasheet HTML 5Page - STMicroelectronics AN1012 Datasheet HTML 6Page - STMicroelectronics AN1012 Datasheet HTML 7Page - STMicroelectronics AN1012 Datasheet HTML 8Page - STMicroelectronics AN1012 Datasheet HTML 9Page - STMicroelectronics AN1012 Datasheet HTML 10Page - STMicroelectronics AN1012 Datasheet HTML 11Page - STMicroelectronics AN1012 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Battery backup current - predicting data retention time
AN1012
8/33
Doc ID 6395 Rev 4
3
Battery backup current - predicting data retention
time
A ZEROPOWER®, TIMEKEEPER®, supervisor, or serial RTC device will reach the end of
its useful life for one of two reasons:
●
Capacity consumption
It becomes discharged, having provided current to the SRAM (and to the oscillator in
the case of the TIMEKEEPER) in the battery backup mode.
●
Storage life
The effects of aging will have rendered the cell inoperative before the stored charge
has been fully consumed by the application.
The two effects have very little influence on each other, allowing them to be treated as two
independent but simultaneous mechanisms. The data retention lifetime of the device is
determined by which ever failure mechanism occurs first.
3.1
Storage life
Storage life, resulting from electrolyte evaporation, is primarily a function of temperature.
Figure 4 illustrates the predicted storage life of the BR1225 battery versus temperature. The
results are derived from temperature-accelerated life test studies performed at
STMicroelectronics. For the purpose of testing, a cell failure is defined as the inability of a
cell, stabilized at 25 °C, to produce a 2.4 V closed-circuit voltage across a 250 k
Ω load
resistor.
The two lines, SL1% and SL50%, represent different failure rate distributions for the cell’s
storage life. At 60 °C, for example, the SL1% line indicates that the battery has a 1% chance
of failure 28 years into its life, and the SL50% line shows that the battery has a 50% chance
of failure at the 50 year mark. The SL1% line represents the practical onset of wear out, and
can be considered the worst case storage life for the cell. The SL50% line can be considered
to be the normal, or average, life. As indicated by the curves in Figure 4 on page 9, storage
life does not become a limiting factor to overall battery life until temperatures in excess of
60 °C to 70 °C are involved.
As an approximation, SL50% = 14270 x (0.91)
T, and SL
1% = 8107 x (0.91)
T, when
20 °C < T < 90 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com