Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1012 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 12Page - STMicroelectronics AN1012 Datasheet HTML 13Page - STMicroelectronics AN1012 Datasheet HTML 14Page - STMicroelectronics AN1012 Datasheet HTML 15Page - STMicroelectronics AN1012 Datasheet HTML 16Page - STMicroelectronics AN1012 Datasheet HTML 17Page - STMicroelectronics AN1012 Datasheet HTML 18Page - STMicroelectronics AN1012 Datasheet HTML 19Page - STMicroelectronics AN1012 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TIMEKEEPER products
AN1012
16/33
Doc ID 6395 Rev 4
5.2.3
M48T58
The next TIMEKEEPER® product was the M48T58 which is fabricated on the 0.6 µm,
double-level metal HCMOS4PZ process for 4T SRAM cells.
Table 13 on page 28, Appendix C: TIMEKEEPER® products on page 28, Figure 8, and
Figure 9 on page 16 show the extent to which the data retention of these devices is more
dependent on temperature. Higher temperatures cause lower resistor values (and therefore,
higher currents) because of the negative temperature coefficient of the poly-R resistors.
Data retention lifetimes typically range from 8.6 years (at 30 °C) for devices in the
CAPHAT™ package, with a 48 mAh battery (see Figure 8), and up to 20 years (and more)
for the SNAPHAT package with a 120 mAh BR1632 battery (see Figure 9). As always,
several factors affect battery lifetime, including the VCC duty cycle and temperature.
Figure 8.
M48T58 data retention lifetime vs. temperature (48 mAh, 100% battery
backup)
Figure 9.
M48T58 data retention lifetime vs. temperature (120 mAh, 100% battery
backup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com