Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4026 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 4Page - STMicroelectronics AN4026 Datasheet HTML 5Page - STMicroelectronics AN4026 Datasheet HTML 6Page - STMicroelectronics AN4026 Datasheet HTML 7Page - STMicroelectronics AN4026 Datasheet HTML 8Page - STMicroelectronics AN4026 Datasheet HTML 9Page - STMicroelectronics AN4026 Datasheet HTML 10Page - STMicroelectronics AN4026 Datasheet HTML 11Page - STMicroelectronics AN4026 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Main characteristics and circuit description
AN4026
8/40
Doc ID 022603 Rev 1
The L6699 enables the user to set the operating frequency range of the converter by means
of a high-accuracy externally programmable oscillator.
At startup, in addition to the traditional frequency-shift soft-start (the switching frequency
starts from a preset maximum value and then decays as far as the steady-state value
determined by the control loop), a proprietary circuit controls the half bridge to prevent hard-
switching from occurring in the initial cycles because of the imbalance of the VOS applied to
the transformer. At light load, the L6699 is forced to enter a controlled burst mode operation
that keeps the converter input consumption as low as possible.
IC protection functions include a current sense input for OCP with frequency shift and
delayed shutdown with automatic restart. Fast shutdown with automatic restart occurs if this
first-level protection cannot control the primary current.
Additionally, the IC prevents the converter from working in, or too close to, capacitive mode,
to guarantee soft-switching. A latched disable input (DIS) is used to implement the OVP.
Other functions include a not-latched active-low disable input with current hysteresis, useful
for power sequencing or for brownout protection, and an interface with the PFC controller
that enables the pre-regulator to be switched off during fault conditions or during burst mode
operation.
The transformer uses the integrated magnetic approach, incorporating the resonant series
inductance. Therefore no external additional coil is needed for the resonance.
The transformer secondary winding configuration is centre tap and makes use of a couple of
power Schottky rectifiers p/n STPS30H60CFP. A small LC filter has been added on the
output to reduce the high frequency ripple and noise.
D15, R56, R62, R65, R66, Q5 and Q6 implement an output voltage “fast discharge” circuit
discharging quickly the output capacitors when the converter is turned off. It has been
implemented to quickly decrease the residual output voltage once the converter is turned off
at no load.
1.5
Output voltage feedback loop
The feedback loop is implemented by means of a typical circuit using a TL431 modulating
the current in the optocoupler diode.
On the primary side, R34 - connecting pin RFMIN (#4) to the optocoupler's phototransistor -
closes the feedback loop and its value sets the maximum switching frequency at about 105
kHz. This value has been chosen to limit the switching losses at light load operation. R31,
connecting the same pin to ground, sets the minimum switching frequency. The R-C series
R44 and C18 sets both soft-start maximum frequency and duration.
1.6
L6699 overload and short-circuit protection
The current into the primary winding is sensed by the lossless circuit R41, C27, D11, D10,
R39, and C25 and it is fed into the ISEN pin (#6). In case of overcurrent, the voltage on the
pin surpasses an internal comparator threshold (0.8 V), triggering a protection sequence.
The capacitor (C45) connected to the DELAY pin (#2) is charged by an internal 150 µA
current generator and is slowly discharged by the external resistor (R24). If the voltage on
the pin reaches 2 V, the soft-start capacitor is completely discharged so that the switching
frequency is pushed to its maximum value. As the voltage on the pin exceeds 3.5 V, the IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com