Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4026 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4026 Datasheet HTML 1Page - STMicroelectronics AN4026 Datasheet HTML 2Page - STMicroelectronics AN4026 Datasheet HTML 3Page - STMicroelectronics AN4026 Datasheet HTML 4Page - STMicroelectronics AN4026 Datasheet HTML 5Page - STMicroelectronics AN4026 Datasheet HTML 6Page - STMicroelectronics AN4026 Datasheet HTML 7Page - STMicroelectronics AN4026 Datasheet HTML 8Page - STMicroelectronics AN4026 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
July 2012
Doc ID 022603 Rev 1
1/40
AN4026
Application note
19 V - 90 W adapter with PFC for laptop computers
using the L6563H and L6699
Introduction
This application note describes the performance of a 90 W, wide-range mains, power-factor
corrected, AC-DC adapter demonstration board. Its electrical specifications are tailored to a
typical hi-end portable computer power adapter.
The architecture is based on a two-stage approach; a front-end PFC pre-regulator based on
the L6563H TM PFC controller and a downstream LLC resonant half bridge converter using
the new L6699 resonant controller. Thanks to the chipset used, the main features of this
design are very high efficiency, compliant with ENERGY STAR® eligibility criteria (EPA rev.
2.0 EPS) and very good efficiency also at light load, and compliance to the new ErP Lot 6
Tier2 requirements. No load input power consumption is very low too, well within the
international regulation limits.
The controller of the LLC stage is the L6699, integrating innovative functions such as self-
adjusting adaptive deadtime, anti-capacitive mode protection and proprietary “safe-start”
procedure preventing hard switching at startup.
Figure 1.
EVL6699-90WADP: 90 W adapter demonstration board
www.st.com


Similar Part No. - AN4026

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4021 STMICROELECTRONICS-AN4021 Datasheet
126Kb / 10P
Calculation of reverse losses in a power diode
26-Apr-2012
AN4022 STMICROELECTRONICS-AN4022 Datasheet
383Kb / 15P
TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
30-Oct-2013
logo
Freescale Semiconductor...
AN4025 FREESCALE-AN4025 Datasheet
2Mb / 31P
Implementing a Glucometer and Blood Pressure Monitor Medical Devices
logo
STMicroelectronics
AN4027 STMICROELECTRONICS-AN4027 Datasheet
2Mb / 41P
This application note describes the EVL6699-150W-SR demonstration
07-Apr-2014
More results

Similar Description - AN4026

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN313 SILABS-AN313 Datasheet
120Kb / 6P
USING THE Si3400 AND Si3401 IN HIGH POWER APPLICATIONS
logo
Microchip Technology
AN780 MICROCHIP-AN780 Datasheet
258Kb / 10P
15-Kilogram Scale Using the TC500A and the TC520
2002
logo
STMicroelectronics
EVL6699-90WADP STMICROELECTRONICS-EVL6699-90WADP Datasheet
217Kb / 5P
19 V - 90 W adapter with PFC for laptop computers based on the L6563H and L6699
02-Jul-2012
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563H
06-Sep-2010
AN3118 STMICROELECTRONICS-AN3118 Datasheet
1Mb / 31P
250 W transition-mode PFC pre-regulator with the new L6563H
26-Nov-2010
AN4006 STMICROELECTRONICS-AN4006 Datasheet
3Mb / 19P
using the PM8803 and an external current booster
22-Feb-2012
AN3997 STMICROELECTRONICS-AN3997 Datasheet
174Kb / 15P
Audio playback and recording using the STM32F4DISCOVERY
27-Oct-2011
AN4031 STMICROELECTRONICS-AN4031 Datasheet
1Mb / 36P
Using the STM32F2 and STM32F4 DMA controller
04-Feb-2014
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
12 V - 400 W adapter based on L4985A, L6699 and SRK2001
05-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com