Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4057 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4057
Description  This application note is addressed to system hardware designers using
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4057 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4057 Datasheet HTML 2Page - STMicroelectronics AN4057 Datasheet HTML 3Page - STMicroelectronics AN4057 Datasheet HTML 4Page - STMicroelectronics AN4057 Datasheet HTML 5Page - STMicroelectronics AN4057 Datasheet HTML 6Page - STMicroelectronics AN4057 Datasheet HTML 7Page - STMicroelectronics AN4057 Datasheet HTML 8Page - STMicroelectronics AN4057 Datasheet HTML 9Page - STMicroelectronics AN4057 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Offset voltage on VDD_HV_REG and voltage regulator circuitry
AN4057
6/13
Doc ID 022842 Rev 2
2
Offset voltage on VDD_HV_REG and voltage regulator
circuitry
2.1
Offset voltage on VDD_HV_REG: problem description
VDD_HV_REG offset on the devices SPC560Pxx/SPC56APxx, before the module is powered
up, may in some cases prevent the power up device correctly.
A VDD_HV_REG offset before a correct power up supply sequence can set the POR device
logic to an undefined state, preventing the internal logic to switch correctly and initialize the
internal VDD_LV circuitry. The internal regulator remains in power down. The consequence is
that the microcontroller is not able to exit reset.
2.1.1
Possible application paths to induce a VDD_HV_REG offset voltage
Figure 1 describes a GPIO configuration with the pin connected to an externally supplied
signal (Vbatt).
If Vbatt is powered while MCU VDD is not yet provided, GPIO protection circuitry (diode)
induces a voltage on VDD_HV_IO.
In the case VDD_HV_IO is directly connected to VDD_HV_REG, the induced voltage is
propagated to the internal regulator. The same consideration is done when using an
external diode, D1 in Figure 1, connecting GPIO VIN to VDD.
Figure 1.
Offset voltage on VDD_HV_REG from SPC560Pxx/SPC56APxx input pin
2.1.2
Battery short to pin on connector of microcontroller board
Another possible cause of an initial offset on VDD_HV_REG is battery short to any pin of the
board connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com