Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4057 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4057
Description  This application note is addressed to system hardware designers using
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4057 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4057 Datasheet HTML 4Page - STMicroelectronics AN4057 Datasheet HTML 5Page - STMicroelectronics AN4057 Datasheet HTML 6Page - STMicroelectronics AN4057 Datasheet HTML 7Page - STMicroelectronics AN4057 Datasheet HTML 8Page - STMicroelectronics AN4057 Datasheet HTML 9Page - STMicroelectronics AN4057 Datasheet HTML 10Page - STMicroelectronics AN4057 Datasheet HTML 11Page - STMicroelectronics AN4057 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Offset voltage on VDD_HV_REG and voltage regulator circuitry
AN4057
8/13
Doc ID 022842 Rev 2
\
Static consumption has to be considered into the board voltage regulator design.
Figure 3.
Resistors partition network
2.2.2
VDD_HV_REG pin active path to ground
Another solution is to add a controlled active path to ground on VDD_HV_REG/VDD_HV_IO that
forces these pins to ground when the microcontroller is switched off or discharges the
VDD_HV_REG at start up.
Figure 4 describes a generic configuration that uses the enable signal of an external
regulator, VIGN, to drive the gate of NFET to force VDD_HV_REG/VDD_HV_IO pin to ground.
When the external regulator is off there is a discharge path of the current from the
VDD_HV_REG/VDD_HV_IO.
It has to be granted that the VDD rises with the required monotonic slew rate before any fault
condition can build up an offset on VDD_HV_REG, prior to the release of the active discharge
circuit.
Table 1.
Resistor partition network values
Symbol
Parameter
Value
Unit
VDD_HV_REG@ 5 V
R1
Resistor between VDD_HV_REG/ballast
emitter and ballast collector
910
Ω
R2
Resistor between ballast emitter and
ground
300
Ω
VDD_HV_REG@ 3.3 V
R1
Resistor between VDD_HV_REG/ballast
emitter and ballast collector
510
Ω
R2
Resistor between ballast emitter and
ground
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com