Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4199 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4199
Description  Two-layer demonstration board based on the STA333IS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4199 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4199 Datasheet HTML 5Page - STMicroelectronics AN4199 Datasheet HTML 6Page - STMicroelectronics AN4199 Datasheet HTML 7Page - STMicroelectronics AN4199 Datasheet HTML 8Page - STMicroelectronics AN4199 Datasheet HTML 9Page - STMicroelectronics AN4199 Datasheet HTML 10Page - STMicroelectronics AN4199 Datasheet HTML 11Page - STMicroelectronics AN4199 Datasheet HTML 12Page - STMicroelectronics AN4199 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID023917 Rev 1
9/23
AN4199
Schematic diagram and PCB layout
23
2.3
Bill of material
Table 1. Bill of material
N°
Type
Footprint
Description
Q.ty
Reference
Manufacturer
1
Connector Through-hole 2P pitch: 5 mm connector terminal
3
J1, J2, J3
2
Header
Through-hole 16P (8x2 row) 2.5 mm header
1
J4
3
CCAP
CAP0603
50 Volt NPO 330 pF
10%
2
C12, C13
Murata
4
CCAP
CAP0603
50 Volt 1 nF
10%
4
C1, C2, C3, C4
Murata
5
CCAP
CAP0603
50 Volt 100 nF
10%
6
C20, C21, C22,
C23, C24, C27
Murata
6
CCAP
CAP0603
NS
8
C5, C6, C7, C8,
C14, C15, C18,
C19
Murata
7
CCAP
CAP1206
50 Volt 220 nF
10%
6
C10, C11, C31,
C32, C33, C34
Murata
8
CCAP
CAP1206
50 Volt 1U
10%
2
C16, C17
Murata
9
ECAP
CAP1206
10 µF / 16 V
1
C30
Samsung
10
ECAP
Through-hole 47 µF / 25 V, pitch = 5 mm,
10 mm
1
C9
Panasonic
11
RES
R1206
NS
4
R1, R2, R5, R6
Murata
12
RES
R1206
20
5% 1/8W
2
R3, R4
Murata
13
RES
R0603
2R2
5% 1/16W
1
R7
Murata
14
RES
R0603
NS
2
R8, R12
15
Plastic rod
Hexagonal rod 15 mm length,
male type
4Four corners
16
Plastic rod
Hexagonal rod 8 mm length,
female type
4Four corners
17
IC
BGA30
STA333IS
1
IC1
STMicroelectronics
18
Coil
SMD
SWPA6045S4R7MT, 4.7 µH
4
L1, L2, L3, L4
Sunlord
19
PCB
STA333IS CSP 2-layer 1V1
1
Fastprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com