Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4199 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4199
Description  Two-layer demonstration board based on the STA333IS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4199 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4199 Datasheet HTML 1Page - STMicroelectronics AN4199 Datasheet HTML 2Page - STMicroelectronics AN4199 Datasheet HTML 3Page - STMicroelectronics AN4199 Datasheet HTML 4Page - STMicroelectronics AN4199 Datasheet HTML 5Page - STMicroelectronics AN4199 Datasheet HTML 6Page - STMicroelectronics AN4199 Datasheet HTML 7Page - STMicroelectronics AN4199 Datasheet HTML 8Page - STMicroelectronics AN4199 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DocID023917 Rev 1
3/23
AN4199
List of figures
23
List of figures
Figure 1.
STA333IS 2 layer demo board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Demonstration board (two-layer) - connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Schematic diagram - part 1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Schematic diagram - part 2 (connectors) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
STA333IS demonstration board - two-layer PCB (top view). . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
STA333IS demonstration board - two-layer PCB (bottom view). . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
APWorkbench - device selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
APWorkbench - control panel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
THD+N vs. power - VCC = 12 V, load = 8 W, 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
THD+N vs. frequency - VCC = 12 V, load = 8 W, Pout = 1 W at 1 kHz. . . . . . . . . . . . . . . . 11
Figure 11.
Frequency response - VCC = 12 V, load = 8 W, Pout = 1 W at 1 kHz . . . . . . . . . . . . . . . . 12
Figure 12.
Crosstalk - VCC = 12 V, load = 8 W, Pout = 1 W at 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
FFT - VCC = 12 V, load = 8 W, Pout = 1 W at 1 kHz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
Output power vs. supply voltage - load = 8 W, 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 15.
Efficiency - VCC =12 V, 1 kHz, load = 8 W (stereo) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 16.
Thermal performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 17.
Output filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 18.
Main filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 19.
Damping network . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 20.
Snubber network. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 21.
Electrolytic capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 22.
Ground plane . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 23.
Output path . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 24.
Coils . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 25.
VCC filter capacitors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com