Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4199 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4199
Description  Two-layer demonstration board based on the STA333IS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4199 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4199 Datasheet HTML 1Page - STMicroelectronics AN4199 Datasheet HTML 2Page - STMicroelectronics AN4199 Datasheet HTML 3Page - STMicroelectronics AN4199 Datasheet HTML 4Page - STMicroelectronics AN4199 Datasheet HTML 5Page - STMicroelectronics AN4199 Datasheet HTML 6Page - STMicroelectronics AN4199 Datasheet HTML 7Page - STMicroelectronics AN4199 Datasheet HTML 8Page - STMicroelectronics AN4199 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Test conditions and connections of demonstration board
AN4199
4/23
DocID023917 Rev 1
1
Test conditions and connections of demonstration
board
1.1
Power supply signal and interface connection
1.
Connect the power supply to the +VCC and GND terminal blocks (J2)
2.
Connect the STEVAL-CCA035V1 interface board to the J4 connector
3.
Connect the S/PDIF signal cable to the RCA jack on the STEVAL-CCA035V1 board.
The signal source should be the Audio Precision equipment or a DVD player.
4.
Adjust the voltage level of the power supply. The voltage range of the DC power supply
is 4.5 V to 18 V.
5.
Connect the load to the connectors J1 and J3
1.2
Output configuration
The STA333IS demonstration board can be only configured for 2.0 channels and BTL
outputs.
1.3
Required equipment
Audio Precision (System 2700)
–
Audio Analyzer: Mod. SYS2722 -192K
–
Class-D filter: AUX-0025 filter
–
Multifunction module: DCX-127
DC power supply (4.5 V to 18 V)
–
Lambda Genesys Gen 80-19
–
HP 6038A
Digital oscilloscope: Tektronix TDS5054B
Digital multimeter: AGILENT Mod. 34410A
PC with APWorkbench control software installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com