Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1453 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1453
Description  NEW FAMILY OF 150V POWER SCHOTTKY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1453 Datasheet(HTML) 8 Page - STMicroelectronics

  AN1453 Datasheet HTML 1Page - STMicroelectronics AN1453 Datasheet HTML 2Page - STMicroelectronics AN1453 Datasheet HTML 3Page - STMicroelectronics AN1453 Datasheet HTML 4Page - STMicroelectronics AN1453 Datasheet HTML 5Page - STMicroelectronics AN1453 Datasheet HTML 6Page - STMicroelectronics AN1453 Datasheet HTML 7Page - STMicroelectronics AN1453 Datasheet HTML 8Page - STMicroelectronics AN1453 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
APPLICATION NOTE
8/9
In the case of an EMC problem, the first solution is
to reduce the current slope (dIF/dt) by adding a
gate resistance (RG about 10 ohms). In this way,
IRM and dIR/dt decrease as well as the V
Rmax .
3.2.3. Switching losses
We have evaluated the consequences of poor
behaviour at the turn-off: spike reverse voltage,
possible oscillations and EMC problem. For these
reasons, the designer may wish to use a soft
recovery PN diode, but which, in return, will
increase the switching time and particularly the
switching losses at turn-off.
Switching losses at turn-off due to the diode are
the sum of losses inside the diode and the energy
dissipated in the other elements of the circuit. In
fact, during this time the IRM current, due to the
recovery charge, flows through the transformer,
the power MOS transistor and the primary bulk
capacitor. Thus, there are additional losses. The
distribution of power losses at turn-off can be
detailed:
- Losses inside the diode:
P
1
2
tI
V
F
turn off
b
RM
R
diode
−
=⋅ ⋅
⋅
⋅
- Losses due to the energy store in the leakage
inductance:
W
1
2
LI
Lf
f
2
RM
=⋅ ⋅
which is mainly dissipated in the snubber resistor
(RS).
- Losses due to the eddy current in the transformer
(view AN1262)
- Losses due to the all additional resistor of circuit,
defined by:
PI
R
turn off
2
RMS
R
(IRM)
−
=⋅
∑
As described before (in §1), in a typical converter
working with a switch frequency lower than
100kHz, these different losses can be considered
negligible compared to the conduction losses.
However in applications such as the DC/DC
converter (12V-48V) working with a switching
frequency around 300kHz, these losses can be
predominant, and a 150V Schottky can be very
interesting to reduce the switching losses.
4. RESULT OF EXPERIMENTS
Experimental
measurements
(Fig.
18)
were
carried out in a 45W/24V Flyback converter
working in the following conditions:
VIN = 90V Pout = 45W Vout = 24V
Fs = 100kHz Tc = 100°C
These experiments confirm the interest in a 150V
Schottky in comparison with a 200V bipolar diode.
CONCLUSION
We have been able to highlight that when we have
the choice between 150V Schottky and 200V PN
diode, the 150V Schottky is the best choice for the
safety of the component and the environment, the
limitation of parasitic effects and for the efficiency
of the converter.
In fact, in addition to the low VF, the 150V Schottky
has a better switching behaviour, due to its
essentially capacitive recovery (less sensibility to
the temperature). We have the advantage of a soft
recovery diode in terms of EMC and the Schottky
is preferable to a fast recovery diode in terms of
losses. The 150V Schottky diode is the better
choice versus the 200V bipolar as for EMC and
losses at turn-off are concerned. Experimental
measurements confirm this.
Moreover, future advancements will mean that this
product will be developed.
In fact, with the arrival of the EN6100-3-2 standard
and the introduction of the PFC, whatever the input
voltage is, there will be a continuous voltage on the
primary. This will lead to a reduction of the
transformation ratio, and in the same time, the
reverse voltage of the diode.
Consequently, a lower breakdown voltage diode
will be needed in the future to replace a 200V PN
diode used today.
Also, the tendency is for the output power of
adaptors to increase. This involves an increase in
the output voltages. The voltage requirements of
the diode in this case will be higher than 100V and
a 150V diode is likely to be the appropriate
component.
η%
∆P(W)
STPR1620CT (2x8A)
84.04
0.41
STPS16150CT (2x8A)
84.4
0.18
STPS20150CT (2x10A)
84.69
Ref
Fig. 18: Experiments of efficiency in a Flyback
converter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com