Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1453 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1453
Description  NEW FAMILY OF 150V POWER SCHOTTKY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1453 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1453 Datasheet HTML 1Page - STMicroelectronics AN1453 Datasheet HTML 2Page - STMicroelectronics AN1453 Datasheet HTML 3Page - STMicroelectronics AN1453 Datasheet HTML 4Page - STMicroelectronics AN1453 Datasheet HTML 5Page - STMicroelectronics AN1453 Datasheet HTML 6Page - STMicroelectronics AN1453 Datasheet HTML 7Page - STMicroelectronics AN1453 Datasheet HTML 8Page - STMicroelectronics AN1453 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
AN1453
APPLICATION NOTE
®
NEW FAMILY OF 150V POWER SCHOTTKY
July 2001
By F. GAUTIER
Nowadays, the Switch Mode Power Supply
(SMPS) is becoming more widespread as a result
of computer, telecom and consumer applications.
The
constant
increase
in
services
(more
peripherals) and performance, which offers us
these applications, tends to move conversion
systems towards higher output power.
In addition to these developments dictated by the
market, SMPS manufacturers are in competition,
their battlefield being the criteria of power density,
efficiency, reliability and cost, this last being factor
very critical.
Today, SMPS designers of 12V-24V output have
practically the choice between a 100V Schottky or
a 200V bipolar diode.
The availability of an intermediate voltage has
become necessary to gain in design optimization.
This is why STMicroelectronics is introducing a
new family of 150V POWER SCHOTTKY diodes,
intended for 12V and more secondary rectification,
in applications such as desktops, file servers or
adaptors for notebook.
Consequently, this application note will underline
the advantages of a 150V Schottky technology
compared to a 200V ultra fast diode.
In order to do this, the example of a Flyback
converter will be used, and the static and dynamic
parameters of the 150V Schottky will be detailed,
as well as their influence in this converter.
1. CONDUCTION LOSSES & EFFICIENCY GAIN
Schottky diodes are mainly used for output
rectification. In a typical SMPS working with a
switching
frequency
lower
than
100kHz,
conduction losses are generally the main losses in
the diode. They are directly linked to the curve of
forward voltage (VF) versus forward current (IF),
and obviously the best gain in efficiency will be
obtained with the lowest VF .
In the following examples, the conduction losses
between a 150V Schottky and a 200V bipolar
diode in a Flyback and a Forward converter will be
compared.
The conduction losses in the diode are calculated
from the classical formula:
P= V
I
+ R
I
cond
T0
F(AV)
d
IF(RMS)
2
⋅⋅
V : threshold voltage with V
= V + R .I
t0
F(@ IF)
T0
d
F
R : dynamic resistance with R =
V / I
dd
F
F
∆∆
where VT0 and Rd are calculated from the current
range of current view by the diode (Fig. 1), for
better accuracy.
Figure 1 shows also, the typical current through
the rectification diode and the corresponding IF(AV)
and I
IF(RMS)
2
:
I=
(I
I
)
I(I
I
I
F(AV)
ID
max
min
F(RMS)
2
ID
max
min
2
m
α
α
2
3
2
+
=+
+
ax
min
d
F(@ Imax)
F(@ Imin)
max
min
T0
F
I
R=
VV
II
VV
⋅
−
−
=
)
(@ imax)
d
max
RI
−⋅
NB:
-In the datasheet, the VT0 and Rd are maximum
values given for IF and2IF at 125°C.
-In discontinuous mode Imin=0.
I
D
0
αI.T
D
I
min
T
t
I
ma x
Fig. 1: Typical current through a rectification diode
INTRODUCTION


Similar Part No. - AN1453

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1451 STMICROELECTRONICS-AN1451 Datasheet
1Mb / 43P
L6208 FULLY INTEGRATED TWO PHASE
Oct-2003
logo
NXP Semiconductors
AN14513 NXP-AN14513 Datasheet
561Kb / 30P
NTAG X DNA - Dual Interface
27 May 2025
logo
Infineon Technologies A...
AN145544 INFINEON-AN145544 Datasheet
9Mb / 59P
3.3 kW high-frequency and high-density PSU for server and datacenter applications
V 1.0 2024-09-05
logo
NXP Semiconductors
AN14587 NXP-AN14587 Datasheet
849Kb / 21P
PN722x – Direct access to Secure Element
13 June 2025
More results

Similar Description - AN1453

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
AN668 STMICROELECTRONICS-AN668 Datasheet
604Kb / 19P
A New High Power IC Surface Mount Package Family
Jul-2001
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
A new high-temperature TRIAC family
24-Apr-2009
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
New Generation of WICOP
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
New Generation of WICOP
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
Nanjing International G...
SR10150CT DGNJDZ-SR10150CT Datasheet
1Mb / 7P
10A 150V SCHOTTKY RECTIFIER
SR20150CT DGNJDZ-SR20150CT Datasheet
1Mb / 7P
20A 150V SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com