Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0212 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0212
Description  STOTG04 USB OTG full-speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0212 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0212 Datasheet HTML 2Page - STMicroelectronics UM0212 Datasheet HTML 3Page - STMicroelectronics UM0212 Datasheet HTML 4Page - STMicroelectronics UM0212 Datasheet HTML 5Page - STMicroelectronics UM0212 Datasheet HTML 6Page - STMicroelectronics UM0212 Datasheet HTML 7Page - STMicroelectronics UM0212 Datasheet HTML 8Page - STMicroelectronics UM0212 Datasheet HTML 9Page - STMicroelectronics UM0212 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STOTG04 demonstration board hardware
UM0212
6/13
1.3
Jumper assignments
Table 1.
Demonstration board jumper assignments(1)
1.
See Figure 4.
Jumper Related pin (s)
Function
J1
OE_TP_INT
Short
Enables the differential driver or I2C mode (when
TRANSP_EN Bit = 1)
Open
Interrupt output when SUSPEND = 0 (J2) and SUSPEND Bit = 1
J2
SUSPEND
Short
Disables power-down mode when SUSPEND Bit = 1
Open
Enables power-down mode when SUSPEND Bit = 1
J3
SPEED
Short
Enables low-speed mode operation
Open
Enables full-speed mode operation
J4
VIF
Short
Provides power to the VIF pin. Can be used for current
consumption measurement
Open
VIF pin is left floating
J5
VBAT
Short
Provides power to the VBAT pin. Can be used for current
consumption measurement
Open
VBAT pin is left floating
J6
ADR
Short
The lsb of the I2C address is '0'
Open
The lsb of the I2C address is '1'
J7
VBAT, VIF
Short
VBAT = VIF (VCOMMON must be 3.0 V - 3.6 V)
Open
VBAT ≠ VIF (use recommended VBAT and VIF)
J8
VTRM, VBAT
Short
Internal LDO regulator bypassed (usable only when the VBAT
supply voltage is between 3.0 V and 3.6 V)
Open
Internal LDO regulator operational



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com