Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0212 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0212
Description  STOTG04 USB OTG full-speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0212 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0212 Datasheet HTML 1Page - STMicroelectronics UM0212 Datasheet HTML 2Page - STMicroelectronics UM0212 Datasheet HTML 3Page - STMicroelectronics UM0212 Datasheet HTML 4Page - STMicroelectronics UM0212 Datasheet HTML 5Page - STMicroelectronics UM0212 Datasheet HTML 6Page - STMicroelectronics UM0212 Datasheet HTML 7Page - STMicroelectronics UM0212 Datasheet HTML 8Page - STMicroelectronics UM0212 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2008
Rev 2
1/13
UM0212
User manual
STOTG04 USB OTG full-speed
transceiver demonstration board
Introduction
This manual explains how to use and take full advantage of the STOTG04 universal serial
bus (USB) on-the-go (OTG) full-speed transceiver demonstration board, which is designed
to help users evaluate their USB OTG applications. The PC board (PCB) connections make
it possible to test the STOTG04 transceiver while it is connected to the USB OTG controller.
Without the controller, the STOTG04 is configurable through the I2C interface.
The STOTG04 is fully compliant with the USB v2.0 specification and the on-the-go
supplement to this specification (see http://www.usb.org for details). It provides a complete
physical layer (PHY) solution for any USB OTG device. When the STOTG04 is connected to
a USB OTG controller, it is ideal for use with several mobile applications (such as cell
phones, digital cameras, printers and PDAs).
The STOTG04 transceiver is controlled by the "USB OTG Demo" software that runs on
Microsoft Windows operating systems. This software enables designers to configure and
monitor the transceiver’s internal registers.
Figure 1.
STOTG04 demonstration board
www.st.com


Similar Part No. - UM0212

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
UM0202 ZILOG-UM0202 Datasheet
310Kb / 8P
Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
UM0202 ZILOG-UM0202 Datasheet
310Kb / 8P
Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
UM0202 ZILOG-UM0202 Datasheet
310Kb / 8P
Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
UM0202 ZILOG-UM0202 Datasheet
310Kb / 8P
Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
UM0202 ZILOG-UM0202 Datasheet
310Kb / 8P
Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
More results

Similar Description - UM0212

ManufacturerPart #DatasheetDescription
logo
Winbond
W81E381 WINBOND-W81E381 Datasheet
695Kb / 63P
FULL SPEED USB INTEGRATED MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
USB Full Speed Microcontroller
logo
STMicroelectronics
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
USB-OTG Full-speed Transceiver
17-Oct-2006
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
USB-OTG Full-speed Transceiver
17-Oct-2006
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
Full USB Compliance and USB-OTG Support
logo
Feeling Technology Corp...
FM8PU83 FEELING-FM8PU83 Datasheet
225Kb / 32P
Full-Speed USB Controller
FM8PU83M FEELING-FM8PU83M Datasheet
1Mb / 37P
Full-Speed USB Controller
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com