Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0212 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0212
Description  STOTG04 USB OTG full-speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0212 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0212 Datasheet HTML 5Page - STMicroelectronics UM0212 Datasheet HTML 6Page - STMicroelectronics UM0212 Datasheet HTML 7Page - STMicroelectronics UM0212 Datasheet HTML 8Page - STMicroelectronics UM0212 Datasheet HTML 9Page - STMicroelectronics UM0212 Datasheet HTML 10Page - STMicroelectronics UM0212 Datasheet HTML 11Page - STMicroelectronics UM0212 Datasheet HTML 12Page - STMicroelectronics UM0212 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UM0212
STOTG04 demonstration board bill of materials
11/13
Appendix B
STOTG04 demonstration board bill of
materials
Table 4.
STOTG04 bill of materials
Part type
Qty
Designator
Footprint
ST3232
1
U1
SO-16
STOTG04
1
U2
QFN-24
100 nF
±10%
8
C3, C5, C8, C9, C10, C11, C12, C13
0805
1 µ
F
±10%/16 V/X7R (high cap ceramic)
2
C2, C7
0805
220 nF
±10%/25 V/X7R
1
C1
0805
4,7 µ
F
±10%/6.3 V/X5R (high cap ceramic)
2
C4, C6
0805
47 k
Ω ±5%
4
R1, R2, R3, R11
0805
470
Ω ±5%
3
R4, R5, R6
0805
22
Ω ±5%
2
R7, R8
0805
10 k
Ω ±5%
5
R9, R10, R12, R13, R14
0805
Jumper
6
J1, J2, J3, J6, J7, J8
Thru-hole
Header 1
18
P1-P18
Thru-hole
Header 7x2
1
CON3
Thru-hole
DSUB-9 (male)
1
CON4
Thru-hole
Switch
1
SW1
Thru-hole
MINI USB-AB receptacle
1
CON2
USB mini A-B
2STR1215
3
Q1, Q2, Q3
SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com