Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1556 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 18Page - STMicroelectronics UM1556 Datasheet HTML 19Page - STMicroelectronics UM1556 Datasheet HTML 20Page - STMicroelectronics UM1556 Datasheet HTML 21Page - STMicroelectronics UM1556 Datasheet HTML 22Page - STMicroelectronics UM1556 Datasheet HTML 23Page - STMicroelectronics UM1556 Datasheet HTML 24Page - STMicroelectronics UM1556 Datasheet HTML 25Page - STMicroelectronics UM1556 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
General items
UM1556
22/87
Doc ID 023520 Rev 2
●
Overtemperature, overload and short to GND can be distinguished from an open load
condition without the need of offstate diagnostics – no switchable pull up resistor is
required.
●
Detailed diagnostics without external components is possible.
1.4.7
Indication of power limitation, the advantages
●
The system reaction time on overload/short circuit events depends on various aspects.
The most important one is the first link in the chain: the diagnostics feedback of the
smart power device.
Figure 23.
System reaction time comparison
●
Indication of power limitation as diagnostics feedback allows almost instantaneous
overload/short circuit detection, as soon as the deltaT exceeds 60 K.
Table 5.
Analogue driver-truth table (ON-state)
Operation mode
Input level
Output level
Current sense
Normal operation
H
Vbat
IOUT/K
Short to Vbat
Vbat
<IOUT/K
Open load
Vbat
0 V
Short to GND
L
VSENSEH
Overload
PWM
Power limitation
VSENSEH
Vbat
No power limitation
>nominal
Overtemperature
L
VSENSEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com