Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1556 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 35Page - STMicroelectronics UM1556 Datasheet HTML 36Page - STMicroelectronics UM1556 Datasheet HTML 37Page - STMicroelectronics UM1556 Datasheet HTML 38Page - STMicroelectronics UM1556 Datasheet HTML 39Page - STMicroelectronics UM1556 Datasheet HTML 40Page - STMicroelectronics UM1556 Datasheet HTML 41Page - STMicroelectronics UM1556 Datasheet HTML 42Page - STMicroelectronics UM1556 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
UM1556
Switching inductive loads
Doc ID 023520 Rev 2
39/87
4
Switching inductive loads
Switching inductive loads such as relays, solenoids, motors etc. can generate transient
voltages of many times the steady-state value. For example, turning off a 12 volt relay coil
can easily create a negative spike of several hundred volts. The M0-5/M0-5E high side
drivers are well designed to drive such loads, in most cases without any external protection.
Nevertheless, there are physical limits for each component that have to be respected in
order to decide whether external protection is necessary or not.
An attractive feature of the M0-5/M0-5E drivers is that a relatively high output voltage
clamping leads to a fast demagnetization of the inductive load.
The purpose of this chapter is to provide a simple guide on how to check the conditions
during demagnetization and how to select a proper HSD (and the external clamping if
necessary) according to the given load.
4.1
Turn-on phase behaviour
Figure 35.
Inductive load – HSD turn-on phase
When an HSD turns on an inductive load, the current increases with a time constant given
by L/R values, so the nominal load current is not reached immediately. This fact should be
considered in diagnostics software (i.e. to avoid false open load detection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com