Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1556 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 28Page - STMicroelectronics UM1556 Datasheet HTML 29Page - STMicroelectronics UM1556 Datasheet HTML 30Page - STMicroelectronics UM1556 Datasheet HTML 31Page - STMicroelectronics UM1556 Datasheet HTML 32Page - STMicroelectronics UM1556 Datasheet HTML 33Page - STMicroelectronics UM1556 Datasheet HTML 34Page - STMicroelectronics UM1556 Datasheet HTML 35Page - STMicroelectronics UM1556 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
Analogue current sense
UM1556
32/87
Doc ID 023520 Rev 2
Equation 8
and
Solving these two equations we get the following formulas:
Equation 9
Example for the chosen device:
Setting Iref1 = 2 A and Iref2 = 4 A according to Table 7 we get VSENSE1 = 1.29 V and
VSENSE2 = 2.69 V then
M = 1.43 [S]
b = 0.16 [A]
IOUT is then:
Equation 10
After calibration, the current sense variation is still affected by the device temperature.
Equation 10 remains affected by an error proportional to the sense current thermal drift.
This drift is reported in the datasheet as dK/K.
2.8
Analogue current sense diagnostics
Table 8 summarizes all failure conditions, the VSENSE signal behavior and
recommendations for diagnostics sampling for M0-5 in comparison with M0-5Enhanced.
dK1/K1
(1)
1.
The drift decreases when increasing the output current, e.g. in the VND5E025AK datasheet the drift is +/-
13 % at 2 A and it decreases down to +/-6 % when the output current is 10 A.
Currente
sense drift
IOUT=2 A;
VSENSE=4 V
VCSD=0 V;
Tj=-40°C to 150 °C
-13
13
%
I
ref1
M*V
sense1+b
=
I
ref2
M*V
sense2+b
=
MI
ref1
I
ref2
–
() V
sense1
V
sense2
–
()
⁄
=
bI
ref2∗Vsense1
I
ref 1∗Vsense2
–
() V
sense1
V
sense2
–
()
⁄
=
I
out
1.43 V
sense
⋅
0.16
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com