Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2466 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2466
Description  STMPE801 - Hardware Interface guide
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2466 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2466 Datasheet HTML 3Page - STMicroelectronics AN2466 Datasheet HTML 4Page - STMicroelectronics AN2466 Datasheet HTML 5Page - STMicroelectronics AN2466 Datasheet HTML 6Page - STMicroelectronics AN2466 Datasheet HTML 7Page - STMicroelectronics AN2466 Datasheet HTML 8Page - STMicroelectronics AN2466 Datasheet HTML 9Page - STMicroelectronics AN2466 Datasheet HTML 10Page - STMicroelectronics AN2466 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN2466
Pin description of STMPE801
7/13
Figure 5.
I2C pin structure
Figure 6.
I2C line with external pull-up resistors
2.2.1
I2C General call
STMPE801 supports I2C general call based on the following table. When a general call
address of 0x00 with R/
= 0 is sent, the device responds with an acknowledgement and
performs the instruction given by the second byte. The device does not give ACK for any
second byte other than the valid second bytes listed in Table 3.
2.3
Reset pin (RESET_N)
The Reset pin is an active low input. It should be tied HIGH to VIO supply in order to start
normal operation of the device. Apart from the RESET_N pin, the device can also be reset
through the "Soft_Reset" bit in the SYSCON register. Writing a '1' to Bit 7 resets the device
and after reset, the bit is cleared to '0' by the Hardware.
PAD
Open
Drain
Buffer
INTERNAL
BLOCKS
ESD DIODE
INPUT BUFFER
Table 3.
I2C General call
Second byte
Definition
0x06
Slave device should reset and latch in the slave address
0x04
Slave device should latch in the slave address but without reset.
0x0
Not allowed as second byte.
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com