Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2466 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2466
Description  STMPE801 - Hardware Interface guide
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2466 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2466 Datasheet HTML 1Page - STMicroelectronics AN2466 Datasheet HTML 2Page - STMicroelectronics AN2466 Datasheet HTML 3Page - STMicroelectronics AN2466 Datasheet HTML 4Page - STMicroelectronics AN2466 Datasheet HTML 5Page - STMicroelectronics AN2466 Datasheet HTML 6Page - STMicroelectronics AN2466 Datasheet HTML 7Page - STMicroelectronics AN2466 Datasheet HTML 8Page - STMicroelectronics AN2466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AN2466
STMPE801 Device features
3/13
1
STMPE801 Device features
Figure 1.
Concept of GPIO Port Expander
–
Low CPU utilization (Interrupts available and so no Polling!)
–
Configurable Hotkey Detection on each GPIO
–
Flexibility in configuration of each of the eight GPIOs
–
Simpler communication with CPU (just two I2C lines)
–
Low power consumption with ultra low standby current (< 1
µA)
–
IO and core voltages from 1.65 V up to 3.6 V
–
Interrupt output (open drain) pin
–
No external clock input required
–
Small package QFN16 - 16 pins 1.8 mm x 2.6 mm, making it optimal for use in
portable application like mobile phones with critical space constraints.
The STMPE801 offers great flexibility as each I/O can be independently configured as input
or output. The eight GPIOs can be connected externally to different modules like LEDs,
temperature sensors, chip selects for other devices, or as interrupt inputs from other
devices.
This device has been designed with very low quiescent current in standby mode and
includes a Hot Key detection for each I/O to optimize the power consumption of the IC.
Hotkey
Chip Enable
Temperature Sensor
Control Signal/Ext.Interrupt
Processor
CLOCK
DATA
ADDRESS
RST_N
INT
GPIO 0
GPIO 1
GPIO 2
GPIO 3
GPIO 4
GPIO 5
GPIO 6
GPIO 7
STMPE801
VCC
VIO
GND
LED BANK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com