Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4068 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 4Page - STMicroelectronics AN4068 Datasheet HTML 5Page - STMicroelectronics AN4068 Datasheet HTML 6Page - STMicroelectronics AN4068 Datasheet HTML 7Page - STMicroelectronics AN4068 Datasheet HTML 8Page - STMicroelectronics AN4068 Datasheet HTML 9Page - STMicroelectronics AN4068 Datasheet HTML 10Page - STMicroelectronics AN4068 Datasheet HTML 11Page - STMicroelectronics AN4068 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Electrical characteristics
AN4068
8/63
Doc ID 022923 Rev 2
2
Electrical characteristics
Table 1.
Electrical and thermal characteristics of the ST7580 reference design
Parameter
Value
Notes
Min.
Typ.
Max.
Unit
Thermal data
Ambient operating temperature
-40
85
°C
ST7580 thermal resistance
50 (1)
°C/W
Measured on the ST7580 reference design
2-side PCB with thermal pad and 4x4
thermal via array
Transceiver section
Transmitting specifications (Tx mode)
Transmitted signal -20 dB
bandwidth
20
kHz
FSK 9600 baud
14.5
Any PSK mode
Transmitted output current limit
1
A rms
Receiving specifications (Rx mode)
Minimum detectable received
signal
44
dBµ
Vrms
B-PSK coded,
fC = 86 kHz, BER = 10
-3
58
B-FSK, 9600 baud, fC = 86 kHz,
deviation=1, BER=10-3
Reception filter -3 dB bandwidth
65
kHz
Mains coupling specifications
Transformer isolation
4 (2)
kV
Power supply requirements
VCC power supply voltage
8
13
18
V
VCC power supply current
absorption – RX mode
5
mA
JP7 closed (LK112SM33TR LDO not
enabled)
65
mA
JP7 open (LK112SM33TR LDO enabled)
VCC power supply current
absorption – TX mode
20
500
mA
VCC = 8 to 18 V,
I(PA_OUT) = 0 to 1 A rms
VDDIO digital supply voltage
-10%
3.3
+10%
V
VDDIO digital supply current
absorption
60
mA
JP7 closed
No digital connection to external equipment
1.
Measured over a continuous transmission period of 3000 seconds (steady-state thermal dissipation). See Figure 39 for
thermal impedance typical curve.
2.
Note that ST does not guarantee transformer isolation. ST assumes no responsibility for the consequences that may arise
from such risks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com