Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4068 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 12Page - STMicroelectronics AN4068 Datasheet HTML 13Page - STMicroelectronics AN4068 Datasheet HTML 14Page - STMicroelectronics AN4068 Datasheet HTML 15Page - STMicroelectronics AN4068 Datasheet HTML 16Page - STMicroelectronics AN4068 Datasheet HTML 17Page - STMicroelectronics AN4068 Datasheet HTML 18Page - STMicroelectronics AN4068 Datasheet HTML 19Page - STMicroelectronics AN4068 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
ST7580 reference design description
AN4068
16/63
Doc ID 022923 Rev 2
Figure 5.
Schematics of the ST7580 reference design board (part 2)
T_REQ
BR0
BR1
I2C1_SDA
I2C1_SCL
MISO1
VDDIO
CL
PA_IN-
PA_IN+
TX_OUT
ZC_IN
RX_IN
SCLK0
VCC
8MHZ_MCO
J_TDI
J_TDO
J_TRSTN
J_TCK
I2C1_SDA
I2C1_SCL
J_TMS
1
8
2
3
4
5
6
7
R39
10K
C45
100nF/25V
C29
100pF/C0G
R41
10K
C12
10uF/6.3V
C34
100nF/25V
1
SH1
SH2
R28
NC
C35
100nF/25V
R55
10K
R53
10K
SHIELD
1
2
1
R25
10K
SHIELD
1
2
R33
10K
R37
10K
PA3
13
PA4
14
PA5
15
PA6
16
PA7
17
PA14
37
PA15
38
PB0
18
PB1
19
PB2
20
PB3
39
PB10
21
PB11
22
PB4
40
PB5
41 PB6
42
PB7
43
PB8
45
PB9
46
BOOT0
44
VSS1
23
VSS3
47
VDD1
24
VDD3
48
C36
100nF/25V
R54
10K
R52
10K
3
2
C14
10uF/6.3V
R27
100k
C30
100nF/25V
CD
SWA
COM
SWB
1
2
C11
100nF/25V
1
2
4
3
SHIELD
1
2
C31
4.7uF/4V
1
8
2
3
4
5
6
7
EP
RESERVED5
48
RESERVED4
47
VDD
46
GND
45
RESERVED3
44
RESERVED2
43
RESERVED1
42
PL_TX_ON
41
BR0
40
BR1
39
T_REQ
38
PL_RX_ON
37
XOUT
13
GND
14
VSSA
15
VDD_PLL
16
VCCA
17
ZC_IN
18
RX_IN
19
TX_OUT
20
PA_IN+
21
PA_IN-
22
CL
23
VCC
24
C13
100nF/25V
AM11115v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com