Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4068 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 45Page - STMicroelectronics AN4068 Datasheet HTML 46Page - STMicroelectronics AN4068 Datasheet HTML 47Page - STMicroelectronics AN4068 Datasheet HTML 48Page - STMicroelectronics AN4068 Datasheet HTML 49Page - STMicroelectronics AN4068 Datasheet HTML 50Page - STMicroelectronics AN4068 Datasheet HTML 51Page - STMicroelectronics AN4068 Datasheet HTML 52Page - STMicroelectronics AN4068 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
AN4068
Application ideas
Doc ID 022923 Rev 2
49/63
10
Application ideas
10.1
3-phase architecture
The ST7580 modem can be used to communicate on a 3-phase network. This is especially
required for low-voltage substation nodes (concentrators), collecting data from several
energy meters all along the three phases of the distribution network.
In the example scheme of Figure 40, the line coupling circuit allows the signal to divide into
the three phases via capacitive coupling. That structure has been designed to keep similar
impedance on each phase, therefore optimizing the signal distribution between the phases.
A critical point regarding this solution may be the total impedance that the ST7580 power
amplifier is required to drive, which is the result of the three phases in parallel. For
concentrator nodes, however, the impedance per phase is likely to be considerably above
the driving limit of the power amplifier, as all the electrical devices supplied by the power line
are placed at a certain distance from the substation.
Figure 40.
Scheme of principle for non-switched 3-phase architecture
In the switched coupling scheme of Figure 41, a more complex circuit is shown, being the
coupling to each phase selectable via opto-switches.
Only one phase at a time can be used to transmit. The received signal, however, can be
picked up from either one phase at a time (J1 closed, J2 open) or any phase at the same
time (J1 open, J2 closed). Both solutions can work well: the first solution offers the
advantage of reducing crosstalk between the three phases, while the second allows the
whole network to be listened to at the same time. The choice depends on electrical and
performance tests as well as on specific protocol requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com