Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4070 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 2Page - STMicroelectronics AN4070 Datasheet HTML 3Page - STMicroelectronics AN4070 Datasheet HTML 4Page - STMicroelectronics AN4070 Datasheet HTML 5Page - STMicroelectronics AN4070 Datasheet HTML 6Page - STMicroelectronics AN4070 Datasheet HTML 7Page - STMicroelectronics AN4070 Datasheet HTML 8Page - STMicroelectronics AN4070 Datasheet HTML 9Page - STMicroelectronics AN4070 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
System description
AN4070
6/53
Doc ID 022934 Rev 1
The system is powered up by an auxiliary power supply which generates a +15 V and a +5
V bus from the input voltage using an L4951 integrated circuit and few external components.
The startup voltage of the auxiliary power supply is 18 V while the maximum voltage is 55 V.
The STM32F103xx supply voltage is scaled down from the +5 V bus using a low drop linear
regulator. Five feedback signals are used by the microcontroller in order to fully control the
system. In particular, a voltage transformer and a Hall effect sensor are used to sense grid
voltage and current, respectively. Two resistive voltage dividers are used to sense the DC-
DC converter input and output voltage. Since the microcontroller is supplied from the input
side of the system, the high voltage bus feedback signal is opto-isolated to ensure galvanic
isolation between the input and the output of the system. Finally, the input current generated
by the PV module is sensed using a simple current shunt resistor. These five feedback
signals are sampled at 17.4 kHz using the STM32F103xx 12-bit A-D converters.
The control strategy is based on a standard perturb and observe (P&O) MPPT algorithm to
adapt the input system impedance to the PV module electrical characteristics, while it uses
DQ axes control to ensure that MIC generated current and voltage are able to cope with grid
characteristics. The main system specifications are summarized in Table 1.
Table 1.
Summary of main electrical specifications
Parameter
Value
Vin (nominal input voltage)
35.8 V
Vin_max (maximum input voltage)
55 V
Vin_min (minimum input voltage)
18 V
MPPT range
20 V to 40 V
Iin (nominal input current)
7.6 A
Imax (max. input current)
11 A
DC-DC output voltage nominal
380 V
DC-DC max. output voltage
450 V
Vout AC
230 V, 50 Hz - 240 V, 60 Hz
Iout (nominal)
1.1 A (230 V AC) / 1.06A (240 V AC)
Power factor
0.98 @ full load
Nominal output power
250 W
DC-DC switching frequency
35 kHz
DC-AC switching frequency
17.4 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com