Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4070 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 7Page - STMicroelectronics AN4070 Datasheet HTML 8Page - STMicroelectronics AN4070 Datasheet HTML 9Page - STMicroelectronics AN4070 Datasheet HTML 10Page - STMicroelectronics AN4070 Datasheet HTML 11Page - STMicroelectronics AN4070 Datasheet HTML 12Page - STMicroelectronics AN4070 Datasheet HTML 13Page - STMicroelectronics AN4070 Datasheet HTML 14Page - STMicroelectronics AN4070 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
AN4070
DC-DC converter design
Doc ID 022934 Rev 1
11/53
2.
Calculation of the maximum duty cycle:
In this topology the switch duty cycle is always >0.5. Let's call D the time beyond Ts/2
for which the MOSFET is still closed:
Equation 2
3.
Calculation of maximum input power:
Equation 3
4.
Calculation of maximum average input current:
Equation 4
5.
Calculation of the maximum switch RMS current:
Equation 5
6.
Calculation of maximum average output current:
Equation 6
7.
Calculation of transformer turns ratio:
Equation 7
where Vin is chosen as the average between the maximum and minimum input voltage
value. The final transformer turns ratio has been chosen equal to 2.6.
8.
Calculation of minimum current value for CCM operation:
Equation 8
to ensure CCM for I>Ilim.
s
on
s
on
T
t
T
t
D
⋅
=
=
−
=
7
.
0
2
.
0
5
.
0
max
max
max
1
2
0
1
2
N
N
D
V
V
in
⋅
−
⋅
=
W
P
P
out
in
7
.
257
97
.
0
250 =
=
=
η
A
V
P
I
in
in
in
8
.
12
20
7
.
257
min
max
=
=
=
A
I
D
I
in
rms
6
.
8
8
.
12
2
2
.
0
2
2
2
max
max
=
⋅
−
=
⋅
−
=
A
V
P
I
out
out
out
67
.
0
370
250
min
max
=
=
=
53
.
2
30
2
)
2
.
0
1
(
2
380
2
)
1
(
2
1
2
=
⋅
−
⋅
=
⋅
−
⋅
=
in
out
V
D
V
N
N
A
V
P
I
W
P
P
P
in
out
625
.
0
30
5
.
12
2
1
25
250
1
.
0
%
10
lim
lim
lim
lim
=
=
⋅
=
=
⋅
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com