Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4305 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4305
Description  Using the SPIRIT1 transceiver with range extender
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4305 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4305 Datasheet HTML 2Page - STMicroelectronics AN4305 Datasheet HTML 3Page - STMicroelectronics AN4305 Datasheet HTML 4Page - STMicroelectronics AN4305 Datasheet HTML 5Page - STMicroelectronics AN4305 Datasheet HTML 6Page - STMicroelectronics AN4305 Datasheet HTML 7Page - STMicroelectronics AN4305 Datasheet HTML 8Page - STMicroelectronics AN4305 Datasheet HTML 9Page - STMicroelectronics AN4305 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Application circuit
AN4305
6/20
DocID024733 Rev 1
Figure 4. Daughterboard circuit schematic (2 of 2)
C27
C_56p_0402_C0G
L12
L_10n_0603
C32
1 nF
L13
L_15n_0402
C28
C_2.2n_0402_X7R
J1
RF_IN/OUT
C29
C_33p_0402_C0G
SW2
1
3
SW1
2
C24
C_1u_0402_X5R
L15
L_3.3n_0402
C18
C_4.7u_0603_X5R
L11
L_27n_0402
U6
upd5740t6n
IN
1
GND
2
Vcont
3
Vcc
4
NC
5
OUT
6
U4
TA0437A
GND
1
IN
2
GND
3
GND
5
OUT
6
GND
7
L14
L_6.8n_0603
C26
C_1u_0402_X5R
C17
C_22p_0402_C0G
C31
C_18p_0402_COG
C30
C_22p_0402_COG
C25
C_1n_0402_COG
C23
C_1n_0402_X7R
L18
L_4.7n_0402
L17
L_47n_0603
C33
1 nF
L16
L_27n_0603
C10
C_220p_0402_C0G
U3
SKY66100-11
CSD
1
TX
2
CTX
3
RX
4
GND
12
GND
11
TX_IN
10
GND
9
GPIO0
GPIO1
GPIO2
VCC_RF
3V3
TX_Path
GPIO0
GPIO1
RX_Path
GPIO2
TRUTH TABLE
READY => GPIO0 = 0, GPIO1 = 0, GPIO2 = 0
TX => GPIO0 = 1, GPIO1 = 1, GPIO2 = 0
RX => GPIO0 = 1, GPIO1 = 0, GPIO2 = 1
GPIO0 = TX or RX mode indicator
GPIO1 = TX state indication
GPIO2 = RX state indication
Range Extender SKYWORKS SKY66100-11, VCC = 3.3 V
CSD = 0, CTX = BYP = x => Sleep mode
CSD = 1, CTX = BYP = 1 => Transmit with PA mode
CSD = 1, CTX = BYP = 0 => Receiver mode
LNA CEL upd5740t6n
VCC = 3.3 V max, 2.8 V typ, Icc = 5 mA typ
Gain = 15 dB typ, NF = 1.5 dB typ
Vcont = high => LNA-mode, 5 mA
Vcont = low => bypass-mode, 1 uA
Solder a 220pF capacitor
between pins 1 and 2
Solder a 220pF
capacitor between
pins 1 and 3
AM17228v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com