Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4305 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4305
Description  Using the SPIRIT1 transceiver with range extender
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4305 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4305 Datasheet HTML 1Page - STMicroelectronics AN4305 Datasheet HTML 2Page - STMicroelectronics AN4305 Datasheet HTML 3Page - STMicroelectronics AN4305 Datasheet HTML 4Page - STMicroelectronics AN4305 Datasheet HTML 5Page - STMicroelectronics AN4305 Datasheet HTML 6Page - STMicroelectronics AN4305 Datasheet HTML 7Page - STMicroelectronics AN4305 Datasheet HTML 8Page - STMicroelectronics AN4305 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
October 2013
DocID024733 Rev 1
1/20
AN4305
Application note
Using the SPIRIT1 transceiver with range extender
under EN 300 220 at 169 MHz
Placido De Vita
Introduction
The SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in
the sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD
frequency bands at 169, 315, 433, 868 and 915 MHz.
This application note outlines the expected performance when using the SPIRIT1 with a
range extender under EN 300 220-1 (v2.3.1, 2012-02) [2.] in the 169.400 - 169.475 MHz
band, meter reading, tracking and tracing applications. The maximum allowed output power
in this sub-band is +27 dBm (500 mW), this application note relates to an application
designed to reach the maximum permitted power, while respecting ETSI requirements.
This application note also relates to CEN/TC 294 prEN 13757-4:2011.10 [4.] requirements
for the W-MBUS N-mode standard in the 169.400 - 169.475 MHz band.
For details on the regulatory limits in the 169.400 - 169.475 MHz SRD frequency bands,
please refer to the ETSI EN 300 220-1 v2.3.1 [2.] and ERC Recommendation 70-03 [3.].
These can be downloaded from www.etsi.org and www.ero.dk.
www.st.com


Similar Part No. - AN4305

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
Advanced light control and diagnostics using
17-Sep-2013
AN4304 STMICROELECTRONICS-AN4304 Datasheet
534Kb / 20P
How to filter the input of a high-side current sensing
30-Oct-2013
AN4308 STMICROELECTRONICS-AN4308 Datasheet
270Kb / 14P
The STCCxxxx devices also integrate the autodetect feature that supports both DCP
17-Jun-2013
More results

Similar Description - AN4305

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
14-May-2013
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
11-Jul-2012
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
01-Oct-2012
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
12-Jul-2012
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
06-Aug-2012
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
06-Aug-2012
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
31-Oct-2012
AN4193 STMICROELECTRONICS-AN4193 Datasheet
316Kb / 10P
Low duty cycle operation with the SPIRIT1 transceiver
07-Jan-2013
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
24-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com