Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4305 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4305
Description  Using the SPIRIT1 transceiver with range extender
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4305 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4305 Datasheet HTML 6Page - STMicroelectronics AN4305 Datasheet HTML 7Page - STMicroelectronics AN4305 Datasheet HTML 8Page - STMicroelectronics AN4305 Datasheet HTML 9Page - STMicroelectronics AN4305 Datasheet HTML 10Page - STMicroelectronics AN4305 Datasheet HTML 11Page - STMicroelectronics AN4305 Datasheet HTML 12Page - STMicroelectronics AN4305 Datasheet HTML 13Page - STMicroelectronics AN4305 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Transmitter parameters
AN4305
10/20
DocID024733 Rev 1
Figure 8. Unwanted emission in the spurious domain mask above 1 GHz
Figure 9. Unwanted emission in the spurious domain, GFSK modulation, 2.4 kbps
data rate, 2.4 kHz frequency deviation, 200 kHz span
AM17219v1
-55
-50
-45
-40
-35
-30
-25
-20
1E+09
1.5E+09
2E+09
2.5E+09
3E+09
3.5E+09
4E+09
Frequency [Hz]
Spirit
ETSI mask
AM17220v1
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
1.69E+08
1.69E+08
1.69E+08
1.69E+08
1.69E+08
1.70E+08
Frequency [Hz]
Spirit
ETSI mask
Alternate
Channel
Alternate
Channel
Adjacent
Channel
Adjacent
Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com