Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1200 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN1200
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1200 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN1200 Datasheet HTML 6Page - STMicroelectronics TN1200 Datasheet HTML 7Page - STMicroelectronics TN1200 Datasheet HTML 8Page - STMicroelectronics TN1200 Datasheet HTML 9Page - STMicroelectronics TN1200 Datasheet HTML 10Page - STMicroelectronics TN1200 Datasheet HTML 11Page - STMicroelectronics TN1200 Datasheet HTML 12Page - STMicroelectronics TN1200 Datasheet HTML 13Page - STMicroelectronics TN1200 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Soldering assembly recommendations
TN1200
10/16
DocID027277 Rev 1
5
Soldering assembly recommendations
5.1
PCB design recommendations for multi-pads Flip Chips
For optimum electrical performance and highly reliable solder joints, STMicroelectronics
recommends the PCB design guidelines for each bumps configuration.
Note:
A too thick gold layer finishing on the PCB pad is not recommended (low joint reliability).
To optimize the natural self centering effect of Flip Chip on PCB, PCB pad positioning and
size have to be properly designed (see Figure 9).
Figure 9. Footprint
Micro vias
An alternative to routing on the top surface is to route out on buried layers. To achieve this,
the pads are connected to the lower layers using micro vias.
Table 3. PCB design recommendations example.
PCB pad design
Non solder mask defined
PCB pad size
80 µm / 100 µm maximum
Solder mask
clearance
25 µm minimum
PCB pad finishing
Cu - Ni (2-6 µm) - Au (0.2 µm max) or Cu OSP (Organic Substrate Protection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com