Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1200 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TN1200
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1200 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TN1200 Datasheet HTML 8Page - STMicroelectronics TN1200 Datasheet HTML 9Page - STMicroelectronics TN1200 Datasheet HTML 10Page - STMicroelectronics TN1200 Datasheet HTML 11Page - STMicroelectronics TN1200 Datasheet HTML 12Page - STMicroelectronics TN1200 Datasheet HTML 13Page - STMicroelectronics TN1200 Datasheet HTML 14Page - STMicroelectronics TN1200 Datasheet HTML 15Page - STMicroelectronics TN1200 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID027277 Rev 1
13/16
TN1200
Soldering assembly recommendations
16
New device soldering
For placement of the device several solutions are possible:
•
Use a mini-stencil and solder paste then place the device. This is the preferred solution
to ensure homogeneity of assembly conditions if assembly of WLCSP (wafer level chip
scale package) is performed with solder paste, even if small footprints and tight
dimensions make this operation difficult.
•
Use no-clean flux on the site and place the device.
•
Dip the WLCSP in no-clean flux, and to place it on the board.
Next operation is to reflow the solder joint by applying controlled heat to the component.
This can be done in much the same way as described above for component removal, but
accurate temperature control is necessary to ensure good soldering of the joint.
Alternatively this can be done by putting the whole board in a furnace. See Figure 11 for
reflow profile recommendations.
Equipment
Systems for these operations are available at various levels of automation. Methods and
techniques used in more sophisticated automatic systems can be copied using manual
equipment. Soldering irons should be avoided for these operations. Tweezers or any picking
tools pressuring the sides or bottom (bump side) of the WLCSP must be avoided since such
tools can damage silicon and create chip outs.
Figure 11 shows an example of semi-automatic equipment for component rework. (See the
Web site of Comintec for more information.)
Figure 11.
Comintec ONYX32 - Semi-automatic equipment for component rework



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com