Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN1200
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1200 Datasheet(HTML) 4 Page - STMicroelectronics

  TN1200 Datasheet HTML 1Page - STMicroelectronics TN1200 Datasheet HTML 2Page - STMicroelectronics TN1200 Datasheet HTML 3Page - STMicroelectronics TN1200 Datasheet HTML 4Page - STMicroelectronics TN1200 Datasheet HTML 5Page - STMicroelectronics TN1200 Datasheet HTML 6Page - STMicroelectronics TN1200 Datasheet HTML 7Page - STMicroelectronics TN1200 Datasheet HTML 8Page - STMicroelectronics TN1200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Packing specifications and labeling description
TN1200
4/16
DocID027277 Rev 1
Figure 3. Flip Chip marking example (only for Si and HRSi)
• “Dot” used for die thickness > 200 µm
• “LL” used for die thickness < 200 µm
3
Packing specifications and labeling description
Flip Chips are delivered in tape and reel to be fully compatible with standard high volume
SMD components. The features of tape and reel materials are in accordance with
EIA-481-D, IEC 60286-3 and EIA 763 (783) standards. All features not specified in this
section are in accordance with EIA-481-D, IEC 60286-3 and EIA 763 (783) standards.
3.1
Carrier tape
Flip Chips are placed in the carrier tape with their bump side facing the bottom of the cavity
so that the components can be picked-up by their flat side. No flipping of the package is
necessary for mounting on PCB. The products are positioned in the carrier tape with pin A1
on the sprocket hole side. Carrier tape mechanical dimensions are shown in the example in
Figure 4. Standard tape width is 8 mm for die sizes smaller than 3 mm (dimension B0).
Figure 4. Carrier tape example
A1 bump location may vary with product layout
Cavity
has center hole
at the bottom
Dot identifying Pin A1 location
User direction of unreeling
All dimensions are typical values in mm
4.0
2.0
2.0
Ø 1.55
0.46
0.67
0.2
x
y w
x
w
z
x
y w
x
w
z
x
y w
x
w
z
x
y w
x
w
z
x
y w
x
w
z
x
y w
x
w
z
x
y w
x
w
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com