Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9232CS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PD78F9232CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS Datasheet(HTML) 5 Page - Renesas Technology Corp

  PD78F9232CS_15 Datasheet HTML 1Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 2Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 3Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 4Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 5Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 6Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 7Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 8Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Preliminary Product Information U18550EJ2V0PM
3
µ PD78F9232CS, 78F9234CS
OVERVIEW OF FUNCTIONS
Item
µPD78F9232CS
µPD78F9234CS
Flash memory
4 KB
8 KB
Internal
memory
High-speed RAM
256 bytes
Memory space
64 KB
X1 input clock (oscillation frequency)
Crystal/ceramic/external clock input:
10 MHz (VDD = 2.0 to 5.5 V)
High speed (oscillation
frequency)
Internal oscillation: 8 MHz (TYP.)
Internal
oscillation
clock
Low speed (for TMH1
and WDT)
Internal oscillation: 240 kHz (TYP.)
General-purpose registers
8 bits
× 8 registers
Instruction execution time
0.2
µs/0.4 µs/0.8 µs/1.6 µs/3.2 µs (X1 input clock: fX = 10 MHz)
Multiplier
8 bits
× 8 bits = 16 bits
I/O port
Total:
26 pins
CMOS I/O:
24 pins
CMOS input:
1 pin
CMOS output:
1 pin
Timer
• 16-bit timer/event counter: 1 channel
• 8-bit timer (timer H1):
1 channel
• 8-bit timer (timer 80):
1 channel
• Watchdog timer:
1 channel
Timer output
2 pins (PWM: 1 pin)
A/D converter
10-bit resolution
× 4 channels
Serial interface
LIN-bus-supporting UART mode: 1 channel
External
4
Vectored
interrupt sources
Internal
9
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Internal reset by power-on clear
• Internal reset by low-voltage detector
Supply voltage
VDD = 2.0 to 5.5 V
Note
Operating temperature range
TA =
−40 to +85°C
Package
32-pin plastic SDIP
Note Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on- clear
(POC) circuit is 2.1 V
±0.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com