Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9232CS Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # PD78F9232CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button PD78F9232CS_15 Datasheet HTML 16Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 17Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 18Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 19Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 20Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 21Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 22Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 23Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Preliminary Product Information U18550EJ2V0PM
18
µPD78F9232CS, 78F9234CS
(2) Serial interface (TA =
−40 to +85°C, VDD = 2.0 to 5.5 VNote, VSS = 0 V)
UART mode (UART6, dedicated baud rate generator output)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
312.5
kbps
Note
Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on-clear
(POC) circuit is 2.1 V
±0.1 V.
AC Timing Test Points (Excluding X1 Input)
0.8VDD
0.2VDD
0.8VDD
0.2VDD
Test points
Clock Timing
1/fX
tXL
tXH
X1 input
TI000 Timing
tTIL
tTIH
TI000
Interrupt Input Timing
INTP0 to INTP3
tINTL
tINTH
RESET Input Timing
RESET
tRSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com