Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD8835 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PD8835
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD8835 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PD8835_15 Datasheet HTML 1Page - Renesas Technology Corp PD8835_15 Datasheet HTML 2Page - Renesas Technology Corp PD8835_15 Datasheet HTML 3Page - Renesas Technology Corp PD8835_15 Datasheet HTML 4Page - Renesas Technology Corp PD8835_15 Datasheet HTML 5Page - Renesas Technology Corp PD8835_15 Datasheet HTML 6Page - Renesas Technology Corp PD8835_15 Datasheet HTML 7Page - Renesas Technology Corp PD8835_15 Datasheet HTML 8Page - Renesas Technology Corp PD8835_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
BLOCK DIAGRAM
9
φ2L
8
φR
GND
46
GND
39
GND
11
GND
18
20
φ2L
21
φR
36
VOD2
37
VOD2
34
VOD2
35
VOD2
49
VOD2
48
VOD2
51
VOD2
50
VOD2
HS-VDD
15
42
43
14
φ2
17
φ1
16
φ1
13
φ2
12
VOD1
10
VOD1
19
GND
52
GND
33
φSH
φCP
Clock gen.
VDD
7
φCP
φSH
Clock gen.
VDD
22
GND
6
VSUB
24
GND
27
VSUB
5
GND
2
GND
55
φTG
47
φTG
38
GND
30
VOUTR3
25
(Red-odd)
VOUTB4
32
(Blue-even)
VOUTB2
(Blue-even) 53
VOUTB1
(Blue-odd)
54
VOUTB3
31
(Blue-odd)
Voltage amp.
Transfer gate
Transfer gate
Photocell
(Blue)
Photocell
(Blue)
•••
•••
CCD analog shift register
CCD analog shift register
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
Voltage amp.
Voltage amp.
Voltage amp.
VOUTG
1
(Green-od
d) 56
VOUTG2
(Green-even)
1
VOUTG3
29
(Green-odd)
VOUTG4
28
(Green-even)
Transfer gate
Transfer gate
Photocell
(Green)
Photocell
(Green)
•••
•••
CCD analog shift register
CCD analog shift register
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
Voltage amp.
Voltage amp.
Voltage amp.
Voltage amp.
VOUTR2
(Red-even)
3
VOUTR1
(Red-odd)
4
VOUTR4
26
(Red-even)
Transfer gate
Transfer gate
Photocell
(Red)
Photocell
(Red)
•••
•••
CCD analog shift register
CCD analog shift register
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
Voltage amp.
Voltage amp.
Voltage amp.
Voltage amp.
GND
23
40
φ1
41
φ2
44
φ2
45
φ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com