Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD8835 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PD8835
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD8835 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PD8835_15 Datasheet HTML 3Page - Renesas Technology Corp PD8835_15 Datasheet HTML 4Page - Renesas Technology Corp PD8835_15 Datasheet HTML 5Page - Renesas Technology Corp PD8835_15 Datasheet HTML 6Page - Renesas Technology Corp PD8835_15 Datasheet HTML 7Page - Renesas Technology Corp PD8835_15 Datasheet HTML 8Page - Renesas Technology Corp PD8835_15 Datasheet HTML 9Page - Renesas Technology Corp PD8835_15 Datasheet HTML 10Page - Renesas Technology Corp PD8835_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5
μ PD8835
Data Sheet S20220EJ1V0DS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Output drain voltage
VOD1, VOD2
–0.3 to +12.0
V
Digital power supply
VDD
–0.3 to +8.0
V
Substrate voltage
VSUB
–0.3 to +8.0
V
Heat sink VDD
HS-VDD
–0.3 to +8.0
V
Voltage difference between VDD and VSUB
VDD-VSUB
–0.5 to +0.5
V
Shift register clock voltage
Vφ1, Vφ2
–0.3 to +8.0
V
Last stage shift register clock voltage
Vφ 2L
–0.3 to +8.0
Note 1
V
Reset gate clock voltage
Vφ R
–0.3 to +8.0
Note 1
V
Transfer gate clock voltage
Vφ TG
–0.3 to +8.0
V
Operating ambient temperature
Note 2
TA
0 to +60
˚C
Package surface temperature
Note 3
Tpkg
0 to +75
˚C
Storage temperature
Tstg
–40 to +100
˚C
Notes 1. Be careful so that the voltage of Vφ 2L and Vφ R are not beyond VDD + 0.3V.
2. The operating ambient temperature TA is defined as an atmosphere temperature in a point 10 mm
away on the circuit board, and 10 mm away from the short side of package pin 1. Refer to the below figure.
3. The package surface temperature Tpkg is defined as a surface temperature of package short side of pin1.
Refer to the below figure.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED POWER ON/OFF SEQUENCE
The power on/off sequence is not limited. But, when VOD1 and VOD2 are powered, avoid VSUB and VDD being
unsettled (i.e. high impedance).
Prevent VDD and VSUB from being powered on/off separately.
Tpkg
TA
Pin1
10 mm
10 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com